Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3SF11YTZB Datasheet(PDF) 14 Page - Sharp Corporation

Part # PC3SF11YTZB
Description  Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SF11YTZB Datasheet(HTML) 14 Page - Sharp Corporation

Back Button PC3SF11YTZB Datasheet HTML 7Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 8Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 9Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 10Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 11Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 12Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 13Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 14Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 15Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2. Wide SMT Gullwing
Package materials
Carrier tape : A-PET (with anti-static material)
Cover tape : PET (three layer system)
Reel : PS
Carrier tape structure and Dimensions
14
Dimensions List
A
24.0±0.3
B
11.5±0.1
C
1.75±0.1
D
12.0±0.1
E
2.0±0.1
H
12.2±0.1
I
0.4±0.05
J
4.15±0.1
K
7.6±0.1
F
4.0±0.1
G
φ1.5+0.1
−0
(Unit : mm)
J
G
I
E
C
F
D
K
a
e
g
f
b
d
Dimensions List
(Unit : mm)
a
330
b
25.5±1.5
c
100±1.0
d
13±0.5
e
23±1.0
f
2.0±0.5
g
2.0±0.5
Pull-out direction
[Packing : 1 000pcs/reel]
Reel structure and Dimensions
Direction of product insertion
PC3SF11YVZ Series
Sheet No.: D2-A08001EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com