Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3SF11YTZB Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC3SF11YTZB
Description  Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SF11YTZB Datasheet(HTML) 2 Page - Sharp Corporation

  PC3SF11YTZB Datasheet HTML 1Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 2Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 3Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 4Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 5Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 6Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 7Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 8Page - Sharp Corporation PC3SF11YTZB Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
■ Internal Connection Diagram
1
6
4
1
3
5
2
2
3
4
5
6
Anode
Cathode
NC
Anode/Cathode
No external connection
Cathode/Anode
2
■ Outline Dimensions
∗Pin
is not allowed external connection
(Unit : mm)
1. Through-Hole [ex. PC3SF11YTZ]
2. Wide Through-Hole Lead-Form [ex. PC3SF11YVZ]
3. SMT Gullwing Lead-Form [ex. PC3SF11YXP]
4. Wide SMT Gullwing Lead-Form [ex. PC3SF11YWP]
7.12±
0.5
θ
θ
θ : 0 to 13˚
7.62±
0.3
Epoxy resin
0.6±
0.2
1.2±
0.3
1
2
3
6
5
4
0.5±
0.1
2.54±
0.25
4
3SF11
SHARP
mark
"S"
Date code (2 digit)
Rank mark
Model No.
Factory identification mark
VDE
identification mark
Anode
mark
0.6±
0.2
1.2±
0.3
1
2
3
6
5
4
7.62
±0.3
Epoxy resin
0.26
±0.1
10.16
±0.5
7.12±
0.5
0.5±
0.1
2.54±
0.25
4
3SF11
SHARP
mark
"S"
Date code (2 digit)
Rank mark
Model No.
Factory identification mark
VDE
identification mark
Anode
mark
7.12±
0.5
7.62±
0.3
Epoxy resin
0.6±
0.2
1.2±
0.3
2.54±
0.25
1.0
+0.4
−0
1.0
+0.4
−0
10.0
+0
−0.5
1
2
3
6
5
4
4
3SF11
SHARP
mark
"S"
Date code (2 digit)
Rank mark
Model No.
Factory identification mark
VDE
identification mark
Anode
mark
7.62±
0.3
0.75
±0.25
0.75
±0.25
12.0
MAX.
10.16±
0.5
Epoxy resin
0.6±
0.2
1.2±
0.3
7.12±
0.5
2.54±
0.25
1
2
3
6
5
4
4
3SF11
SHARP
mark
"S"
Date code (2 digit)
Rank mark
Model No.
Factory identification mark
VDE
identification mark
Anode
mark
PC3SF11YVZ Series
Sheet No.: D2-A08001EN
5
Product mass : approx. 0.35g
Product mass : approx. 0.35g
Product mass : approx. 0.33g
Product mass : approx. 0.34g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com