Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLZ2V4B Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PLZ2V4B
Description  Zener Diodes Permitting 500 mW Power Dissipation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLZ2V4B Datasheet(HTML) 5 Page - Vishay Siliconix

  PLZ2V4B Datasheet HTML 1Page - Vishay Siliconix PLZ2V4B Datasheet HTML 2Page - Vishay Siliconix PLZ2V4B Datasheet HTML 3Page - Vishay Siliconix PLZ2V4B Datasheet HTML 4Page - Vishay Siliconix PLZ2V4B Datasheet HTML 5Page - Vishay Siliconix PLZ2V4B Datasheet HTML 6Page - Vishay Siliconix PLZ2V4B Datasheet HTML 7Page - Vishay Siliconix PLZ2V4B Datasheet HTML 8Page - Vishay Siliconix PLZ2V4B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PLZ Series
www.vishay.com
Vishay Semiconductors
Rev. 1.2. 29-Nov-16
5
Document Number: 84830
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Maximum Power Dissipation vs. Ambient Temperature
Fig. 4 - Typical Forward Current vs. Forward Voltage
Fig. 5 - Thermal Impedance vs. Time
Fig. 6 - Breakdown Characteristics
Fig. 7 - Breakdown Characteristics
Fig. 8 - Breakdown Characteristics
22888
100
1000
10000
0
100
200
300
400
500
600
700
800
900
1000
050
100
150
Axis Title
TA (°C)
2nd line
RthJA = 130 K/W
RthJA = 370 K/W
10
100
1000
10000
0.1
1
10
100
1000
00.5
11.5
2
Axis Title
VF (V)
2nd line
22889
10
100
1000
10000
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Axis Title
tp - Pulse Width (s)
2nd line
infinite heatsink
22890
Footprint
in mm
10
22891
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
810
12
14
Axis Title
VZ (V)
2nd line
PLZ10A
PLZ10B
PLZ10C
PLZ10D
PLZ11A
PLZ11B
PLZ11C
PLZ12A
PLZ12B
PLZ12C
22892
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
10
12
14
16
18
Axis Title
VZ (V)
2nd line
PLZ13A
PLZ13B
PLZ13C
PLZ15A
PLZ15B
PLZ15C
PLZ16A
PLZ16B
PLZ16C
22893
10
100
1000
10000
0
10
20
30
40
50
60
14
16
18
20
22
24
Axis Title
VZ (V)
2nd line
PLZ18A
PLZ18B
PLZ18C
PLZ20A
PLZ20B
PLZ20C
PLZ20D
PLZ22A
PLZ22B
PLZ22C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com