Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLZ2V4B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PLZ2V4B
Description  Zener Diodes Permitting 500 mW Power Dissipation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLZ2V4B Datasheet(HTML) 1 Page - Vishay Siliconix

  PLZ2V4B Datasheet HTML 1Page - Vishay Siliconix PLZ2V4B Datasheet HTML 2Page - Vishay Siliconix PLZ2V4B Datasheet HTML 3Page - Vishay Siliconix PLZ2V4B Datasheet HTML 4Page - Vishay Siliconix PLZ2V4B Datasheet HTML 5Page - Vishay Siliconix PLZ2V4B Datasheet HTML 6Page - Vishay Siliconix PLZ2V4B Datasheet HTML 7Page - Vishay Siliconix PLZ2V4B Datasheet HTML 8Page - Vishay Siliconix PLZ2V4B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PLZ Series
www.vishay.com
Vishay Semiconductors
Rev. 1.2. 29-Nov-16
1
Document Number: 84830
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Zener Diodes Permitting 500 mW Power Dissipation
FEATURES
• Sillicon planar Zener diodes, ultra small
• Low profile DO-219AC (MicroSMF) package
• Low leakage current
• Excellent stability
• High temperature soldering: 260 °C / 10 s at
terminals
• Wave and reflow solderable (reflow as per
JPC / JEDEC® J-STD 020) (double wave as
per IEC 61760-1)
• AEC-Q101 qualified available
• Base P/N-G3 - RoHS-compliant, green, industrial grade
• Base P/N-HG3 - RoHS-compliant, green, AEC-Q101 qualified
• ESD immunity acc. IEC 61000-4-2 acc. to part table
• Surge performance acc. to part table
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
2.0 to 39
V
Test current IZT
5 to 20
mA
VZ specification
Pulse current
Int. construction
Single
20278
1
2
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
PLZ-Series
Part number-G3/H
4500 per 7" reel (8 mm tape)
22 500 / box
PLZ-Series
Part number-HG3/H
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY LEVEL
SOLDERING CONDITIONS
DO-219AC (MicroSMF)
4.8 mg
UL 94 V-0
MSL level 1 (according J-STD-020)
260 °C / 10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
Mounted on FR4 board 50 mm x 50 mm x 1.6 mm,
solder land 10 mm x 10 mm, Tamb = 85 °C
Ptot
500
mW
Power dissipation
Mounted on FR4 board 50 mm x 50 mm x 1.6 mm,
solder land 10 mm x 10 mm, Tamb = 25 °C
Ptot
960
Power dissipation
Mounted on FR4 board with recommended soldering
footpads (reflow)
Ptot
340
Non-repetitive peak surge power dissipation
tp = 8/20 μs acc. IEC 61000-4-5 (PLZ5V1A to PLZ39D)
PZSM
100
W
tp = 8/20 μs acc. IEC 61000-4-5 (PLZ2V0A to PLZ4V7C)
PZSM
70
W
Z-current
IZ
Ptot/VZ
mA
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55 to +150
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Typ. thermal resistance junction to ambient air
Mounted on FR4 board 50 mm x 50 mm x 1.6 mm,
solder land 10 mm x 10 mm
RthJA
130
K/W
Typ. thermal resistance junction to lead
RthJL
40
K/W
ELECTRICAL SPECIFICATIONS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward Voltage
IF = 10 mA
VF
0.8
0.9
V


Similar Part No. - PLZ2V4B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLZ2V4B-HG3_A/H VISHAY-PLZ2V4B-HG3_A/H Datasheet
188Kb / 9P
Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
More results

Similar Description - PLZ2V4B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
500 mW ZENER DIODES
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
500 mW ZENER DIODES
logo
Microsemi Corporation
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
SILICON 500 mW ZENER DIODES
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
SILICON 500 mW ZENER DIODES
1N5221 MICROSEMI-1N5221 Datasheet
100Kb / 3P
SILICON 500 mW ZENER DIODES
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
Silicon 500 mW Zener Diodes
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
500 mW GLASS ZENER DIODES
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com