Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32101 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32101
Description  6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32101 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32101 Datasheet HTML 1Page - Vishay Siliconix SIP32101 Datasheet HTML 2Page - Vishay Siliconix SIP32101 Datasheet HTML 3Page - Vishay Siliconix SIP32101 Datasheet HTML 4Page - Vishay Siliconix SIP32101 Datasheet HTML 5Page - Vishay Siliconix SIP32101 Datasheet HTML 6Page - Vishay Siliconix SIP32101 Datasheet HTML 7Page - Vishay Siliconix SIP32101 Datasheet HTML 8Page - Vishay Siliconix SIP32101 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SiP32101, SiP32102, SiP32103
www.vishay.com
Vishay Siliconix
S15-0598-Rev. G, 30-Mar-15
1
Document Number: 62617
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.5 m
Ω, Bi-Directional Battery Switch in Compact WCSP
DESCRIPTION
The SiP32101, SiP32102, and SiP32103 bidirectional
switches feature reverse blocking capability to isolate the
battery from the system. The internal switch has an ultra-low
6.5 m
Ω (typ at 3.3 V) on-resistance and operates from a
+2.3 V to +5.5 V input voltage range, making the devices
ideal battery-disconnect switches for high-capacity battery
applications.
The SiP32101, SiP32102, and SiP32103 have slew rate
control, making them ideal in large load capacitor as well as
high-current load switching applications. These devices are
also highly efficient, consuming a mere 10 pA (typ.) current
in shutdown and 15 pA while operating.
The SiP32101 and SiP32103 have an active low enable and
the SiP32102 has an active high enable. They can interface
directly with a low voltage control signal.
The SiP32101, SiP32102, and SiP32103 are available in an
ultra compact 12-Bump, 1.3 mm x 1.7 mm, 0.4 mm pitch
WCSP package with top side lamination. The device
operates over the temperature of -40 °C to +85 °C.
FEATURES
• Bi-directional ON and OFF
• 7 A continuous current capability
• Ultra low Ron, 6.5 m
Ω (typ.) at 3.3 V
• Wide input voltage, 2.3 V to 5.5 V
• Slew rate controlled turn on
• Ultra-low quiescent current: 15 pA (SiP32101, SiP32102)
• EN pin with integrated pull up or pull down resistor
• Available in both logic high and logic low enable options
• Compact 12-Bump, 1.3 mm x 1.7 mm x 0.55 mm
WCSP package
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Smartphones and tablets
• Digital still / video cameras
• Portable meters and test instruments
• Communication devices with embedded batteries
• Portable medical and healthcare systems
• Data storage
• Battery bank
TYPICAL APPLICATION CIRCUIT
Fig. 1 - Typical Application Circuit
Note
• GE1 denotes halogen-free and RoHS-compliant
MARKING
ORDERING INFORMATION
PART NUMBER
MARKING
ENABLE
ENABLE PULL RESISTOR
PACKAGE
TEMPERATURE
SiP32101DB-T1-GE1
32101
Low enable
Pull Low
12-Bump, 1.3 mm x 1.7 mm,
0.4 mm pitch
WCSP package
-40 °C to +85 °C
SiP32102DB-T1-GE1
32102
High enable
Pull Low
SiP32102DB-T5-GE1
32102
High enable
Pull Low
SiP32103DB-T1-GE1
32103
Low enable
Pull High
SiP32101EVB
-
-
-
Evaluation Board
-
SiP32102EVB
-
-
-
-
SiP32103EVB
-
-
-
-
Port A
Port B
To Battery Pack
System Power Input
Charger Output
System Charging Block
Charging
Control
and
Regulator
System Connector
Power Input
Slew Rate Gate
Drive Logic
LevelShift
GND
EN, EN
SiP32101,
SiP32102
12
3
4
A
B
C
FYWL
32101


Similar Part No. - SIP32101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32101 VISHAY-SIP32101 Datasheet
179Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101 VISHAY-SIP32101 Datasheet
683Kb / 7P
Evaluation Board Manual
13-Mar-14
SIP32101DB-T1-GE1 VISHAY-SIP32101DB-T1-GE1 Datasheet
179Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101EVB VISHAY-SIP32101EVB Datasheet
179Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101EVKIT VISHAY-SIP32101EVKIT Datasheet
683Kb / 7P
Evaluation Board Manual
13-Mar-14
More results

Similar Description - SIP32101

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPLC-35-FE-BX SOURCE-SPLC-35-FE-BX Datasheet
321Kb / 13P
CSFP Compact SFP Bi-Directional Transceiver
SPLC-43-GB-BX SOURCE-SPLC-43-GB-BX Datasheet
327Kb / 13P
CSFP Compact SFP Bi-Directional Transceiver
SPLC-53-FE-BX SOURCE-SPLC-53-FE-BX Datasheet
327Kb / 13P
CSFP Compact SFP Bi-Directional Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
Compact Solid-State Bi-directional Signal Switch
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
Compact Solid-State Bi-directional Signal Switch
logo
Vishay Siliconix
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32104 VISHAY-SIP32104 Datasheet
185Kb / 8P
6.5 m, Bidirectional Battery Switch in Compact WCSP
03-Apr-17
SIP32101 VISHAY-SIP32101_V01 Datasheet
179Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com