Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32408 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP32408
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32408 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP32408 Datasheet HTML 5Page - Vishay Siliconix SIP32408 Datasheet HTML 6Page - Vishay Siliconix SIP32408 Datasheet HTML 7Page - Vishay Siliconix SIP32408 Datasheet HTML 8Page - Vishay Siliconix SIP32408 Datasheet HTML 9Page - Vishay Siliconix SIP32408 Datasheet HTML 10Page - Vishay Siliconix SIP32408 Datasheet HTML 11Page - Vishay Siliconix SIP32408 Datasheet HTML 12Page - Vishay Siliconix SIP32408 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SiP32408, SiP32409
Vishay Siliconix
Document Number: 63717
S13-0971-Rev. F, 06-May-13
www.vishay.com
9
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
DETAILED DESCRIPTION
SiP32408 and SiP32409 are advanced slew rate controlled
high side load switches consisted of a n-channel power
switch. When the device is enable the gate of the power
switch is turned on at a controlled rate to avoid excessive in-
rush current. Once fully on the gate to source voltage of the
power switch is biased at a constant level. The design gives
a flat on resistance throughout the operating voltages. When
the device is off, the reverse blocking circuitry prevents
current from flowing back to input if output is raised higher
than input. The reverse blocking mechanism also works in
case of no input applied.
APPLICATION INFORMATION
Input Capacitor
SiP32408 and SiP32409 do not require an input capacitor.
To limit the voltage drop on the input supply caused by
transient inrush currents, an input bypass capacitor is
recommended. A 2.2 µF ceramic capacitor placed as close
to the VIN and GND should be enough. Higher values
capacitor can help to further reduce the voltage drop.
Ceramic capacitors are recommended for their ability to
withstand input current surge from low impedance sources
such as batteries in portable devices.
Output Capacitor
While these devices works without an output capacitor,
an 0.1 µF or larger capacitor across VOUT and GND is
recommended to accommodate load transient condition. It
also help to prevent parasitic inductance forces VOUT below
GND when switching off. Output capacitor has minimal affect
on device’s turn on slew rate time. There is no requirement
on capacitor type and its ESR.
Enable
The EN pin is compatible with both TTL and CMOS logic
voltage levels. Enable pin voltage can be above IN once it is
within the absolute maximum rating range.
For output voltage slew rate control, EN is required to have
at least 50 µs delay after the input voltage get ready to
enable the device.
Protection Against Reverse Voltage Condition
SiP32408 and SiP32409 contain a reverse blocking circuitry
to protect the current from going to the input from the output
in case where the output voltage is higher than the input
voltage when the main switch is off. Reverse blocking works
for input voltage as low as 0 V.
Thermal Considerations
SiP32408 and SiP32409 are designed to maintain a constant
output load current. Due to physical limitations of the layout
and assembly of the device the maximum switch current is
3.5 A, as stated in the Absolute Maximum Ratings table.
However, another limiting characteristic for the safe
operating load current is the thermal power dissipation of the
package. To obtain the highest power dissipation (and a
thermal resistance of 170 °C/W) the power pad of the device
should be connected to a heat sink on the printed circuit
board. Figure 21 shows a typical PCB layout. All copper
traces and vias for the IN and OUT pins should be sized
adequately to carry the maximum continuous current.
The maximum power dissipation in any application is
dependant
on
the
maximum
junction
temperature,
TJ(max.) = 125 °C, the junction-to-ambient thermal resistance
for the TDFN4 1.2 mm x 1.6 mm package,
J-A = 170 °C/W,
and the ambient temperature, TA, which may be formulaically
expressed as:
Figure 27 - Typical Turn-on Delay, Rise Time
COUT = 200 µF, CIN = 4.7 µF, ROUT = 10 
EN
5VOUT
IOUTfor5VOUT
3.6VOUT
IOUTfor3.6VOUT
1.5VOUT
IOUTfor1.5VOUT
2 V/Div, 0.25 A/Div, 2 ms/Div
Figure 28 - Typical Fall Time
COUT = 200 µF, CIN = 4.7 µF, ROUT = 10 
EN
5VOUT
IOUTfor5VOUT
3.6VOUT
IOUTfor3.6VOUT
1.5VOUT
IOUTfor1.5VOUT
2 V/Div, 0.25 A/Div, 2 ms/Div
170
125
(max.)
(max.)
A
A
J
A
J
T
T
T
P
-
=
-
=
-
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com