Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32408 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIP32408
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32408 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIP32408 Datasheet HTML 6Page - Vishay Siliconix SIP32408 Datasheet HTML 7Page - Vishay Siliconix SIP32408 Datasheet HTML 8Page - Vishay Siliconix SIP32408 Datasheet HTML 9Page - Vishay Siliconix SIP32408 Datasheet HTML 10Page - Vishay Siliconix SIP32408 Datasheet HTML 11Page - Vishay Siliconix SIP32408 Datasheet HTML 12Page - Vishay Siliconix SIP32408 Datasheet HTML 13Page - Vishay Siliconix SIP32408 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Document Number: 66558
www.vishay.com
Revision: 05-Mar-10
1
PAD Pattern
Vishay Siliconix
RECOMMENDED MINIMUM PADS FOR TDFN4 1.2 x 1.6
Recommended Minimum Pads
Dimensions in mm
1
2
3
4
0.30
0.50
0.86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com