Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXH Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # EXH
Description  Two-Way Radio Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

EXH Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  EXH Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
•
Injection molded ¼ wave base loaded
antenna
•
High gain
•
High durability, high efficiency
•
Textured finish with strain-relief base
•
Available in various standard connectors
•
An original ‘Tuf Duck’ antenna
ANT-DS-EXH 1216
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials
rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability or
suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind.
All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request.
© Copyright 2016 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of
Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird
Technologies or any third party intellectual property rights.
EXH
Two-Way Radio Antenna
FREQUENCIES AND CONNECTORS
PART#
FREQUENCY BAND
CONNECTORS
COLOR CODE
EXH150
145-155 MHz
BN, KR, MX, SF, SFU, SM, SMV & TN
Red
EXH155
150-160 MHz
BN, KR, MD, MX, SF, SFU, SM, SMV & TN
Brown
EXH160
155-165 MHz
BN, KR, MX, SF, SFU, SM, SMV & TN
Black
EXH170
165-175 MHz
BN, KR, MD, MX, SF, SFU, SM, SMV & TN
Orange
The EXH model antenna is available in the above frequencies and connectors. Order by antenna model, frequency
and connector. For example: EXH150SF. Specifications subject to change without notice.
PARAMETER
SPECIFICATION
Frequency Range
VHF
Nominal Impedance
50 ohms
VSWR
2:1 max at resonance
Power Raiting
Max Power - 50 watts
Temperature Range
-40°C to +85°C
Drop Test
1M
Length1
10.50 inches
1
The length noted is the maximum possible length for this LMR
antenna. The actual length of the antenna will vary according to the
connector chosen.
Americas: +1.847 839.6925
IAS-AmericasSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia:
IAS-AsiaSales@lairdtech.com
Middle East & Affrica: +44.1628.858941
IAS-MEASales@lairdtech.com
www.lairdtech.com


Similar Part No. - EXH

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
EXH NICHICON-EXH Datasheet
487Kb / 1P
Metallized Polypropylene Film AC Power Capacitor
logo
Honeywell Solid State E...
EXH-AR3 HONEYWELL-EXH-AR3 Datasheet
942Kb / 7P
Interactive Catalog Replaces Catalog Pages
EXH-AR33 HONEYWELL-EXH-AR33 Datasheet
942Kb / 7P
Interactive Catalog Replaces Catalog Pages
logo
Nichicon corporation
EXH2E106HR NICHICON-EXH2E106HR Datasheet
27Kb / 1P
PLASTIC FILM CAPACITORS
EXH2E205HR NICHICON-EXH2E205HR Datasheet
27Kb / 1P
PLASTIC FILM CAPACITORS
More results

Similar Description - EXH

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPP9401E3 MICROSEMI-UPP9401E3 Datasheet
72Kb / 2P
POWERMITE TM PACKAGE COMMERCIAL TWO-WAY RADIO ANTENNA SWITCH DIODE
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
COMMERCIAL TWO-WAY RADIO
UM9401 MICROSEMI-UM9401_09 Datasheet
401Kb / 7P
COMMERCIAL TWO WAY RADIO ANTENNA SWITCH DIODES
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
Two-way Radio Audio Processor
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
External Two-Way Radio Antenna
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
Two Way Radio Flash MCU
November 25, 2016
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
Analog Two Way Radio IC
Rev.1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com