Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301201 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 301201
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

301201 Datasheet(HTML) 1 Page - Tyco Electronics

  301201 Datasheet HTML 1Page - Tyco Electronics 301201 Datasheet HTML 2Page - Tyco Electronics 301201 Datasheet HTML 3Page - Tyco Electronics 301201 Datasheet HTML 4Page - Tyco Electronics 301201 Datasheet HTML 5Page - Tyco Electronics 301201 Datasheet HTML 6Page - Tyco Electronics 301201 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Instruction Sheet
Double Action Hand Crimping Tools
411--1097
LOC B
1
of 7
E
2010 Tyco Electronics Corporation, Berwyn, PA
All Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other product names, logos, or company names might be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
27 MAY 10 Rev D
525690 and 525691
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low volume
applications. A wide selection of powered application equipment for extended--use, production operations is available.
Movable Jaw
(Anvil)
Fixed Jaw
(Crimper)
Locator/Insulation
Stop
Ratchet
Color--Coded
Handle
Insulation Crimp Adjustment Pins
(ShowninPosition3)
TE Tool
Wire Size Range
Part Number
Color Code
Dot Code
Wire Size Range
(AWG)
525690
Red
1
20--18
525691
Blue
2
16--14
Figure 1
1. INTRODUCTION
Double Action Hand Crimping Tools 525690 and
525691 crimp a wide variety of PIDG* terminals and
splices and PLASTI--GRIP* terminals and splices
onto stranded copper wire sizes 20 through 14 AWG.
See Figure 1. Read these instructions thoroughly
before using the tools.
Dimensions in this instruction sheet are in
millimeters [with inches in brackets]. Figures are
not drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 7, REVISION SUMMARY.
2. DESCRIPTION
Each tool features a fixed jaw (crimper), a movable
jaw (anvil), a locator/insulation stop, and a ratchet
attached to a handle.
These tools are members of the CERTI--CRIMP*
hand crimping tool family. The ratchet on these tools
ensures full crimping of the product. Once engaged,
the ratchet will not release until the handles have
been FULLY closed.
The jaws bottom before the ratchet releases. This
design ensures maximum electrical and tensile
performance of the crimp. DO NOT re--adjust the
ratchet.
The locator/insulation stop positions the product
between the jaws and aids in locating the wire in the
product. When closed, the jaws form a crimping
chamber with two sections: an insulation barrel
section and a wire barrel section. The insulation barrel
section crimps the insulation barrel of the product
onto the wire insulation and, simultaneously, the wire
barrel section crimps the wire barrel of the product
onto the wire conductors.
NOTE
i
CAUTION
!


Similar Part No. - 301201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
301201 MACOM-301201 Datasheet
237Kb / 9P
Reasons for reissue are provided in Section 8, REVISION SUMMARY.
301201 MACOM-301201 Datasheet
205Kb / 6P
Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
301201 TEC-301201 Datasheet
657Kb / 10P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
301201 TEC-301201 Datasheet
640Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
301201 MACOM-301201 Datasheet
216Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Similar Description - 301201

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
logo
Tyco Electronics
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9996 MACOM-408-9996 Datasheet
256Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-9359 TEC-408-9359 Datasheet
210Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com