Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301201 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 301201
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

301201 Datasheet(HTML) 6 Page - Tyco Electronics

  301201 Datasheet HTML 1Page - Tyco Electronics 301201 Datasheet HTML 2Page - Tyco Electronics 301201 Datasheet HTML 3Page - Tyco Electronics 301201 Datasheet HTML 4Page - Tyco Electronics 301201 Datasheet HTML 5Page - Tyco Electronics 301201 Datasheet HTML 6Page - Tyco Electronics 301201 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
411- 1097
Double Action Hand Crimping Tools 525690 and 525691
Rev D
6
of 7
Tyco Electronics Corporation
Figure 8
Jaws Bottomed But
Not Under Pressure
Inspection of
Wire Barrel Section
of Crimping Chamber
Inspection of
Insulation Barrel Section
of Crimping Chamber
GO Element Must Pass
Completely Through
Crimping Chamber
Insulation Crimp Adjustment Pins in Position 1
NO--GO Element May Start Entry, But Must Not
Pass Completely Through Crimping Chamber
GO Element Must Pass
Completely Through Length of
Insulation Barrel Section But
Stop on Wire Barrel Section
4. Carefully insert the GO element into the
crimping chamber as shown in Figure 8; DO NOT
force it. For the wire barrel section of the crimping
chamber, the GO element must pass completely
through the crimping chamber. For the insulation
barrel section, the GO element must pass through
the length of the section but will stop against the
wire barrel section.
5. In the same manner, try to insert the NO--GO
element into the crimping chamber as shown in
Figure 8. The NO--GO element may begin entry,
but may not pass through the crimping chamber.
If the crimping chamber conforms to the gage
inspection, the tool is considered dimensionally
correct, and should be lubricated with a THIN coat of
any good SAE 20 motor oil. If not, return the tool for
evaluation and repair. See Section 6,
REPLACEMENT AND REPAIR.
5.3. Ratchet Inspection
Check the ratchet to ensure that the ratchet does not
release prematurely, allowing the jaws to open before
they have fully bottomed. Proceed as follows:
1. Remove traces of oil or dirt from the bottoming
surfaces of the jaws.
2. Obtain a 0.025 mm [.001 in.] shim that is
suitable for checking the clearance between the
bottoming surfaces of the jaws.
3. Select a terminal or splice and maximum size
wire for the terminal or splice.
4. Position the terminal or splice in the crimping
chamber according to Section 3, CRIMPING
PROCEDURE. Holding the wire in place, squeeze
the tool handles together until the ratchet releases.
Hold the tool handles in this position, maintaining
just enough pressure to keep the jaws closed.
5. Check the clearance between the bottoming
surfaces of the jaws. If the clearance is 0.025 mm
[.001 in.] or less, the ratchet is satisfactory. If
clearance exceeds 0.025 mm [.001 in.], the ratchet
is out of adjustment and must be repaired. See
Section 6, REPLACEMENT AND REPAIR.
6. REPLACEMENT AND REPAIR
Customer--replaceable parts are listed in Figure 9.
A complete inventory should be stocked and
controlled to prevent lost time when replacement of
parts is necessary. Parts other than those listed
should be replaced by Tyco Electronics to ensure
quality and reliability. Order replacement parts
through your representative, or call 1--800--526--5142,
or send a facsimile of your purchase order to
717--986--7605, or write to:
CUSTOMER SERVICE (038--035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105--3608
For customer repair service, call 1--800--526--5136.
7. REVISION SUMMARY
Revisions to this instruction sheet include:
S
Updated document to corporate requirements
S
Added new data to tables in Figure 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com