Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8214SCDR Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8214SCDR
Description  40MSPS 16 BIT CCD DIGITISER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8214SCDR Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8214SCDR Datasheet HTML 1Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 2Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 3Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 4Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 5Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 6Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 7Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 8Page - Wolfson Microelectronics plc WM8214SCDR Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
w
WM8214
40MSPS 16-bit CCD Digitiser
WOLFSON MICROELECTRONICS plc
w :: www.wolfsonmicro.com
Product Preview, March 2004, Rev 1.6
Copyright
2004 Wolfson Microelectronics plc.
DESCRIPTION
The WM8214 is a 16-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 40MSPS.
The device includes three analogue signal processing
channels each of which contains Reset Level Clamping,
Correlated Double Sampling and Programmable Gain and
Offset adjust functions. Three multiplexers allow single
channel processing. The output from each of these
channels is time multiplexed into a single high-speed 16-bit
Analogue to Digital Converter. The digital output data is
available in 8-bit wide multiplexed format and there is also
an optional single byte output mode, or 4-bit multiplexed
LEGACY mode.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during Reset Level Clamping to clamp CCD
signals. An external reference level may also be supplied.
ADC references are generated internally, ensuring optimum
performance from the device.
Using an analogue supply voltage of 3.3V and a digital
interface supply of 3.3V, the WM8214 typically only
consumes 390mW.
FEATURES
•
16-bit ADC
•
40MSPS conversion rate
•
Low power – 390mW typical
•
3.3V single supply operation
•
Single, 2 or 3 channel operation
•
Correlated double sampling
•
Programmable gain (9-bit resolution)
•
Programmable offset adjust (8-bit resolution)
•
Flexible clamp control with programmable clamp voltage
•
Flexible timing, can be made compatible with WM819X
and WM815X parts.
•
8-bit wide multiplexed data output format
•
8-bit only output mode
•
4-bit LEGACY multiplexed nibble mode
•
Internally generated voltage references
•
28-pin SSOP package, pin compatible with WM8199
•
Serial control interface
APPLICATIONS
•
High speed USB2.0 compatible scanners
•
Multi-function peripherals
•
High-performance CCD sensor interface
•
Digital Copiers
BLOCK DIAGRAM
RINP
DATA
O/P
PORT
SEN
VSMP
MCLK
VRLC/VBIAS
SDI
SCK
DVDD2
TIMING CONTROL
CLMP
RLC
V
S
R
S
BINP
GINP
VRX
VRT
OEB
VRB
RLC
RLC
CDS
CDS
CDS
RLC
DAC
4
CONFIGURABLE
SERIAL
CONTROL
INTERFACE
16-
BIT
ADC
AGND1
DGND
DVDD1
OP[0]
OP[1]
OP[2]
OP[3]
OP[4]
OP[5]
OP[6]
OP[7]/SDO
AGND2
M
U
X
VREF/BIAS
M
U
X
R
G
B
M
U
X
R
G
B
+
PGA
I/P SIGNAL
POLARITY
ADJUST
9
8
PGA
9
8
OFFSET
DAC
PGA
9
OFFSET
DAC
8
+
+
+
+
+
I/P SIGNAL
POLARITY
ADJUST
I/P SIGNAL
POLARITY
ADJUST
AVDD
w
WM8214
OFFSET
DAC
RSMP


Similar Part No. - WM8214SCDR

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8214SCDS WOLFSON-WM8214SCDS Datasheet
486Kb / 36P
40MSPS 16-bit CCD Digitiser
WM8214SCDS/R WOLFSON-WM8214SCDS/R Datasheet
486Kb / 36P
40MSPS 16-bit CCD Digitiser
More results

Similar Description - WM8214SCDR

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8198 WOLFSON-WM8198 Datasheet
379Kb / 31P
(8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
WM8199 WOLFSON-WM8199 Datasheet
358Kb / 30P
20MSPS 16-bit CCD Digitiser
WM8199 WOLFSON-WM8199_07 Datasheet
388Kb / 32P
20MSPS 16-bit CCD Digitiser
WM8214 WOLFSON-WM8214_07 Datasheet
486Kb / 36P
40MSPS 16-bit CCD Digitiser
WM8213 WOLFSON-WM8213 Datasheet
677Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8213 WOLFSON-WM8213_08 Datasheet
671Kb / 38P
24MSPS 16-bit CCD Digitiser
logo
Cirrus Logic
WM8199 CIRRUS-WM8199 Datasheet
473Kb / 32P
20MSPS 16-bit CCD Digitiser
WM8213 CIRRUS-WM8213 Datasheet
671Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8214 CIRRUS-WM8214 Datasheet
625Kb / 36P
40MSPS 16-bit CCD Digitiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com