Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7111 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7111
Description  Tiny CMOS Operational Amplifier with Rail-to-Rail Input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7111 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC7111 Datasheet HTML 1Page - National Semiconductor (TI) LMC7111 Datasheet HTML 2Page - National Semiconductor (TI) LMC7111 Datasheet HTML 3Page - National Semiconductor (TI) LMC7111 Datasheet HTML 4Page - National Semiconductor (TI) LMC7111 Datasheet HTML 5Page - National Semiconductor (TI) LMC7111 Datasheet HTML 6Page - National Semiconductor (TI) LMC7111 Datasheet HTML 7Page - National Semiconductor (TI) LMC7111 Datasheet HTML 8Page - National Semiconductor (TI) LMC7111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
3.3V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 3.3V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Typ
LMC7111AI
LMC7111BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
V
CM
Input Common-Mode
V
+ = 3.3V
−0.25
−0.1
−0.1
V
Voltage Range
For CMRR
≥ 50 dB
0.00
0.00
min
3.5
3.4
3.4
V
3.2
3.2
max
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Typ
LMC7111AI
LMC7111BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
V
+ = 5V
0.9
mV
max
TCV
OS
Input Offset Voltage
2.0
µV/˚C
Average Drift
I
B
Input Bias Current
(Note 9)
0.1
1
1
pA
20
20
max
I
OS
Input Offset Current
(Note 9)
0.01
0.5
0.5
pA
10
10
max
R
IN
Input Resistance
>10
Tera
Ω
CMRR
Common Mode
0V
≤ V
CM ≤ 5V
85
70
60
dB
Rejection Ratio
min
+PSRR
Positive Power Supply
5V
≤ V+ ≤10V,
85
70
60
dB
Rejection Ratio
V
− = 0V, V
O = 2.5V
min
−PSRR
Negative Power Supply
−5V
≤ V− ≤−10V,
85
70
60
dB
Rejection Ratio
V
− = 0V, V
O = −2.5V
min
V
CM
Input Common-Mode
V
+ = 5V
−0.3
−0.20
−0.20
V
Voltage Range
For CMRR
≥ 50 dB
0.00
0.00
min
5.25
5.20
5.20
V
5.00
5.00
max
C
IN
Common-Mode Input
3
pF
Capacitance
V
O
Output Swing
V
+ = 5V
4.99
4.98
4.98
Vmin
R
L = 100 kΩ
0.01
0.02
0.02
Vmax
V
+ = 5V
4.98
4.9
4.9
Vmin
R
L = 10 kΩ
0.02
0.1
0.1
Vmin
I
SC
Output Short Circuit
Sourcing, V
O = 0V
7
5
5
mA
Current
3.5
3.5
min
Sinking, V
O = 3V
7
5
5
mA
3.5
3.5
min
A
VOL
Voltage Gain
Sourcing
500
V/mv
min
Sinking
200
V/mv
min
I
S
Supply Current
V
+ = +5V,
25
µA
V
O = V
+/2
max
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com