Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7111 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7111
Description  Tiny CMOS Operational Amplifier with Rail-to-Rail Input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7111 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC7111 Datasheet HTML 1Page - National Semiconductor (TI) LMC7111 Datasheet HTML 2Page - National Semiconductor (TI) LMC7111 Datasheet HTML 3Page - National Semiconductor (TI) LMC7111 Datasheet HTML 4Page - National Semiconductor (TI) LMC7111 Datasheet HTML 5Page - National Semiconductor (TI) LMC7111 Datasheet HTML 6Page - National Semiconductor (TI) LMC7111 Datasheet HTML 7Page - National Semiconductor (TI) LMC7111 Datasheet HTML 8Page - National Semiconductor (TI) LMC7111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LMC7111
Tiny CMOS Operational Amplifier with Rail-to-Rail Input
and Output
General Description
The LMC7111 is a micropower CMOS operational amplifier
available in the space saving SOT 23-5 package. This
makes the LMC7111 ideal for space and weight critical de-
signs. The wide common-mode input range makes it easy to
design battery monitoring circuits which sense signals above
the V
+ supply. The main benefits of the Tiny package are
most apparent in small portable electronic devices, such as
mobile phones, pagers, and portable computers. The tiny
amplifiers can be placed on a board where they are needed,
simplifying board layout.
Features
n Tiny SOT23-5 package saves space
n Very wide common mode input range
n Specified at 2.7V, 5V, and 10V
n Typical supply current 25 µA at 5V
n 50 kHz gain-bandwidth at 5V
n Similar to popular LMC6462
n Output to within 20 mV of supply rail at 100k load
n Good capacitive load drive
Applications
n Mobile communications
n Portable computing
n Current sensing for battery chargers
n Voltage reference buffering
n Sensor interface
n Stable bias for GaAs RF amps
Connection Diagrams
Ordering Information
Package
Ordering
NSC Drawing
Package
Transport Media
Information
Number
Marking
8-Pin DIP
LMC7111AIN
N08E
LMC7111AIN
Rails
8-Pin DIP
LMC7111BIN
N08E
LMC7111BIN
Rails
5-Pin SOT23-5
LMC7111BIM5
MA05A
A01B
1k units Tape and Reel
LMC7111BIM5X MA05A
A01B
3k Units Tape and Reel
8-Pin DIP
DS012352-1
Top View
5-Pin SOT23-5
DS012352-2
Top View
Actual Size
DS012352-19
August 1999
© 1999 National Semiconductor Corporation
DS012352
www.national.com


Similar Part No. - LMC7111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7111 TI-LMC7111 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
LMC7111 TI-LMC7111 Datasheet
1Mb / 26P
LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111 TI1-LMC7111 Datasheet
1Mb / 26P
LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111 TI2-LMC7111 Datasheet
1Mb / 35P
DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
REVISED MARCH 2016
LMC7111 TI2-LMC7111 Datasheet
1Mb / 31P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
REVISED FEBRUARY 2013
More results

Similar Description - LMC7111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7111BIM5 TI-LMC7111BIM5 Datasheet
1Mb / 26P
LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
108335 TI-108335 Datasheet
1Mb / 21P
Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111 NSC-LMC7111_14 Datasheet
1Mb / 26P
LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
LMC7111 TI1-LMC7111 Datasheet
1Mb / 26P
LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com