Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701EM/T Datasheet(PDF) 14 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 14 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 10Page - Winbond WTS701EM/T Datasheet HTML 11Page - Winbond WTS701EM/T Datasheet HTML 12Page - Winbond WTS701EM/T Datasheet HTML 13Page - Winbond WTS701EM/T Datasheet HTML 14Page - Winbond WTS701EM/T Datasheet HTML 15Page - Winbond WTS701EM/T Datasheet HTML 16Page - Winbond WTS701EM/T Datasheet HTML 17Page - Winbond WTS701EM/T Datasheet HTML 18Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
WTS701
- 14 -
7.2.2 Power Down Mode
Upon application of power, the WTS701 will enter the RESET state and then be in a POWER DOWN
state. In the POWER DOWN mode, only Class0 SPI commands are valid. (See subsection 7.3.1). The
Power Down status of the device can be determined with a RDST (Read Status) command, specified
by the RDY bit in STATUS BYTE 0.
Issuing the PWDN (Power Down) command to the WTS701 processor will return the processor to the
POWER DOWN mode. In POWER DOWN mode the external crystal oscillator is shut off and the
processor is deactivated. POWER DOWN mode is exited by issuing a PWUP (Power Up) command
to the WTS701. The PWUP command should be preceded by a SCLC (Set Clock) command to
ensure correct clock configuration.
7.2.3 Power and Grounding
The WTS701 can operate over 2.7V to 3.3V supply voltage range. The power supply and ground pins
(VCCA, VCCD, VSSA, VSSD) should be carefully bypassed as close to the chip as possible to ensure high
quality audio. In addition, ATTCAP pin should have a 4.7 µF capacitor connected to ground. This pin
must NOT be left floating. The pins that are marked as NC (Not Connected), MUST be left floating.
VCCA, VCCD (Voltage Inputs)
To minimize noise, the analog and digital circuits in the WTS701 device use separate power busses.
These +3.0 V busses lead to separate pins. For optimal noise immunity, tie the VCCD pins together as
close as possible and decouple both supplies as near to the package as possible.
VSSA, VSSD (Ground Inputs)
The WTS701 series utilizes separate analog and digital ground busses. The analog ground (VSSA)
pins should be tied together as close to the package as possible and connected through a low-
impedance path to power supply ground. The digital ground (VSSD) pin should be connected through a
separate low-impedance path to power supply ground. These ground paths should be large enough to
ensure that the impedance between the VSSA pins and the VSSD pin is less than 3Ω. The backside of
the die is connected to VSSD through the substrate resistance.
NC (Not Connect)
These pins MUST not be connected to the board at any time. Connection of these pins to any signal,
ground or VCC may result in incorrect device behavior or cause damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com