Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTS701EM/T Datasheet(PDF) 25 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 25 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 21Page - Winbond WTS701EM/T Datasheet HTML 22Page - Winbond WTS701EM/T Datasheet HTML 23Page - Winbond WTS701EM/T Datasheet HTML 24Page - Winbond WTS701EM/T Datasheet HTML 25Page - Winbond WTS701EM/T Datasheet HTML 26Page - Winbond WTS701EM/T Datasheet HTML 27Page - Winbond WTS701EM/T Datasheet HTML 28Page - Winbond WTS701EM/T Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 25 -
Revision 3.09
Synthesis Commands
Table 7. Synthesis Opcodes.
The synthesis commands affect the
text-to-speech synthesis. They are
detailed in the table to the right. The
basic commands are:
•
Start a conversion
•
Pause the conversion
•
Resume the conversion
•
Stop the conversion
•
Finish conversion at the
end of the current word.
•
Finish the conversion at the
end of the buffer
•
Volume up/down
•
Speed up/down the text-to-
speech conversion
Configuration Commands
Table 8. Configuration Opcodes.
The WTS701 has several configur-
ation registers. The commands are:
•
The COM configuration
register governs the behavior
of how the chip uses the INT
and R/ B hardware lines to
communicate with the host
•
The CODEC register con-
figures the mode of the digital
audio output
•
The AUDIO register sets
parameters of the analog
audio path
•
The VOLUME register sets the volume level of output
•
The SPEED register sets the speed level of output speech
•
The CLC register sets the master clock frequency of the device
•
The SPTC command sets speech pitch
Opcode
Mnemonic
Function
0x81
CONV
Start Converting
0x49
PAUS
Pause Conversion
0x4A
RES
Resume Conversion
0x4B
ST
Stop Conversion
0x4D
FINW
Finish Word
0x4C
FIN
Finish Buffer
0x53
VLUP
Volume Up
0x54
VLDN
Volume Down
0x55
SPUP
Speed Up Conversion
0x56
SPDN
Slow Down Conversion
Opcode
Mnemonic Function
0xC0
RREG
Read Configuration register
0x4E
SCOM
COM Configuration register
0x4F
SCOD
CODEC Configuration register
0x50
SAUD
AUDIO Configuration register
0x51
SVOL
VOL Configuration register
0x52
SSPD
SPEED Configuration register
0x14
SCLC
CLC
(Clock)
Configuration
register
0x77
SPTC
Set Speech Pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com