Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7660 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7660
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7660 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMC7660 Datasheet HTML 3Page - National Semiconductor (TI) LMC7660 Datasheet HTML 4Page - National Semiconductor (TI) LMC7660 Datasheet HTML 5Page - National Semiconductor (TI) LMC7660 Datasheet HTML 6Page - National Semiconductor (TI) LMC7660 Datasheet HTML 7Page - National Semiconductor (TI) LMC7660 Datasheet HTML 8Page - National Semiconductor (TI) LMC7660 Datasheet HTML 9Page - National Semiconductor (TI) LMC7660 Datasheet HTML 10Page - National Semiconductor (TI) LMC7660 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Applications (Continued)
Getting Up … and Down
The LMC7660 can also be used as a positive voltage multi-
plier. This application, shown in
Figure 9, requires 2 addi-
tional diodes. During the first 1⁄2 cycle S2 charges C
p1
through D1; D2 is reverse biased. In the next 1⁄2 cycle S2 is
open and S1 is closed. Since C
p1 is charged to V
+ −V
D1 and
is referenced to V
+through S1, the junction of D1 and D2 is
at V
+ +(V+ −V
D1). D1 is reverse biased in this interval. This
application uses only two of the four switches in the 7660.
The other two switches can be put to use in performing a
negative conversion at the same time as shown in
Figure 10.
In the 1⁄2 cycle that D1 is charging C
p1, Cp2 is connected
from ground to −V
out via S2 and S4, and Cr2 is storing Cp2’s
charge. In the interval that S1 and S3 are closed, C
p1 pumps
the junction of D1 and D2 above V
+, while C
p2 is refreshed
from V
+.
Thermometer Spans 180˚C
Using the combined negative and positive multiplier of
Fig-
ure 11 with an LM35 it is possible to make a µPower ther-
mometer that spans a 180˚C temperature range. The LM35
temperature sensor has an output sensitivity of 10 mV/˚C,
while drawing only 50 µA of quiescent current. In order for
the LM35 to measure negative temperatures, a pull down to
a negative voltage is required.
Figure 11 shows a thermom-
eter circuit for measuring temperatures from −55˚C to
+125˚C and requiring only two 1.5V cells. End of battery life
can be extended by replacing the up converter diodes with
Schottky’s.
Regulating −V
out
It is possible to regulate the output of the LMC7660 and still
maintain µPower performance. This is done by enclosing the
LMC7660 in a loop with a LP2951. The circuit of
Figure 12
will regulate V
out to −5V for IL = 10 mA, and Vin = 6V. For Vin
> 7V, the output stays in regulation up to I
L = 25 mA. The er-
ror flag on pin 5 of the LP2951 sets low when the regulated
output at pin 4 drops by about 5%. The LP2951 can be shut-
down by taking pin 3 high; the LMC7660 can be shutdown by
shorting pin 7 and pin 8.
DS009136-12
FIGURE 8. Split V
+ in Half
DS009136-13
FIGURE 9. Positive Voltage Multiplier
DS009136-14
FIGURE 10. Combined Negative Converter and Positive Multiplier
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com