Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7660 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7660
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7660 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC7660 Datasheet HTML 1Page - National Semiconductor (TI) LMC7660 Datasheet HTML 2Page - National Semiconductor (TI) LMC7660 Datasheet HTML 3Page - National Semiconductor (TI) LMC7660 Datasheet HTML 4Page - National Semiconductor (TI) LMC7660 Datasheet HTML 5Page - National Semiconductor (TI) LMC7660 Datasheet HTML 6Page - National Semiconductor (TI) LMC7660 Datasheet HTML 7Page - National Semiconductor (TI) LMC7660 Datasheet HTML 8Page - National Semiconductor (TI) LMC7660 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
10.5V
Input Voltage on Pin 6, 7
(Note 2)
−0.3V to (V
+ + 0.3V)
for V
+
< 5.5V
(V
+ − 5.5V) to (V+ + 0.3V)
for V
+
> 5.5V
Current into Pin 6 (Note 2)
20 µA
Output Short Circuit
Duration (V
+
≤ 5.5V)
Continuous
Power Dissipation (Note 3)
Dual-In-Line Package
1.4W
Surface-Mount Package
0.6W
T
J Max (Note 3)
150˚C
θ
JA (Note 3)
Dual-In-Line Package
90˚C/W
Surface-Mount Package
160˚C/W
Storage Temp. Range
−65˚C
≤ T ≤ 150˚C
Lead Temperature
(Soldering, 5 sec.)
260˚C
ESD Tolerance (Note 7)
± 2000V
Electrical Characteristics (Note 4)
Symbol
Parameter
Conditions
Typ
LMC7660IN/
Units
Limits
LMC7660IM
Limit
(Note 5)
I
s
Supply Current
R
L = ∞
120
200
µA
400
max
V
+H
Supply Voltage
R
L = 10 kΩ, Pin 6 Open
3 to 10
3 to 10
V
Range High (Note 6)
Voltage Efficiency
≥ 90%
3to10
V
+L
Supply Voltage
R
L = 10 kΩ, Pin 6 to Gnd.
1.5 to 3.5
1.5 to 3.5
V
Range Low
Voltage Efficiency
≥ 90%
1.5 to 3.5
R
out
Output Source
I
L = 20 mA
55
100
Ω
Resistance
120
max
V = 2V, I
L = 3 mA
110
200
Ω
Pin 6 Short to Gnd.
300
max
F
osc
Oscillator
10
kHz
Frequency
P
eff
Power Efficiency
R
L = 5kΩ
97
95
%
90
min
V
o eff
Voltage Conversion
R
L = ∞
99.9
97
%
Efficiency
95
min
I
osc
Oscillator Sink or
Pin 7 = Gnd. or V
+
3µA
Source Current
Note 1: Absolute Maximum ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions. See Note 4 for conditions.
Note 2: Connecting any input terminal to voltages greater than V+or less than ground may cause destructive latchup. It is recommended that no inputs from sources
operating from external supplies be applied prior to “power-up” of the LMC7660.
Note 3: For operation at elevated temperature, these devices must be derated based on a thermal resistance of
θja and Tj max, Tj = TA + θja PD.
Note 4: Boldface numbers apply at temperature extremes. All other numbers apply at TA = 25˚C, V
+ = 5V, C
osc = 0, and apply for the LMC7660 unless otherwise
specified. Test circuit is shown in
Figure 1 .
Note 5: Limits at room temperature are guaranteed and 100% production tested. Limits in boldface are guaranteed over the operating temperature range (but not
100% tested), and are not used to calculate outgoing quality levels.
Note 6: The LMC7660 can operate without an external diode over the full temperature and voltage range. The LMC7660 can also be used with the external diode
Dx, when replacing previous 7660 designs.
Note 7: The test circuit consists of the human body model of 100 pF in series with 1500
Ω.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com