Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM430 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # BTM430
Description  Bluetooth End Product Qualified
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM430 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  BTM430 Datasheet HTML 1Page - Laird Tech Smart Technology BTM430 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bluetooth® AT Data Module
BTM430/431
CATEGORIES
FEATURE
IMPLEMENTATION
Wireless Specification
Bluetooth®
Version 2.0+EDR
Frequency
2.402 – 2.480 GHz - Class 2
Max Transmit Power
+4 dBm (at antenna pad – BTM430)
+4 dBm (from integrated antenna – BTM431)
Receive Sensitivity
Better than -84 dBm
Range
Up to 30 meters
Data Rates
Up to 2.1 Mbps (over the air)
Host Interface
UART
Supports CTS, RTS, DTR, DSR, DCD and RI
User Interface
GPIO
8 lines (shared)
Profiles
SPP –Serial Port Profile
FTP Client
OBEX Client
HSP (partial)
HFP (partial)
DUN
Supply Voltage
Supply
3.0 V to +3.3 V
I/O
1.7 V to +3.6 V (independent of VCC)
Power Consumption
Current Consumption
Less than 40 mA during SCO transmission
Idle (sleep) < 1 mA
Coexistence / Compatibility
802.11 (Wi-Fi)
2 wire and 3 wire schemes supported
Connections
External Antenna
50 Ohm matched SMT pad BTM430
Internal Antenna
Multilayer ceramic – BTM431
Protocols
AT Command Set
Physical
Dimensions
12.5 mm x 18.0 mm x 3.4 mm (external antenna – BTM430)
12.5 mm x 22.0mm x 3.4 mm (integrated antenna – BTM431)
Environmental
Operating Temperature
-40° C to +85° C
Storage Temperature
-40° C to +85° C
Miscellaneous
Lead Free
Lead-free and RoHS compliant
Warranty
1 Year
Developmental Tools
Development Kit
Development board and software tools
Approvals
Bluetooth
End Product Approved
FCC/IC & CE
BTM430 – Limited Modular Approval
BTM431 – Full Modular Approval
Ordering Information
BTM430
Bluetooth AT Data Module (external antenna)
BTM431
Bluetooth AT Data Module (with integrated antenna)
DVK-BTM430
Development Kit (external antenna)
DVK-BTM431
Development Kit (with integrated antenna)
The details contained within the document are subject to change. Download the product specification from
www.lairdtech.com/wireless for the most current specification.
CONN-DS-BTM430-431_v1_0
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are
subject to change without notice. Responsibility for the use and application of Laird Technologies materials rests with the end user.
Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential
damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in
effect from time to time, a copy of which will be furnished upon request. © Copyright 2013 Laird Technologies, Inc. All Rights
Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of
Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties.
Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
Revision History
Version
Date
Changes
Approved By
1.0
28 Apr 15
Initial
J. Kaye



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com