Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM430 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # BTM430
Description  Bluetooth End Product Qualified
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM430 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  BTM430 Datasheet HTML 1Page - Laird Tech Smart Technology BTM430 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bluetooth® AT Data Module
BTM430/431
USA: +1.800.492.2320
Europe: +44.1628.858.940
Asia: +852.2268.6567
wirelessinfo@lairdtech.com
www.lairdtech.com/wireless
The BTM430 and BTM431 Bluetooth® modules from Laird Technologies have
been designed to meet the needs of developers who wish to add robust, short
range Bluetooth data connectivity to their products. They are based on the market
leading Cambridge Silicon Radio BC04 chipset, providing exceptionally low power
consumption with outstanding range.
With a footprint as small as 12.5 mm x 18.0 mm for the BTM430 and best of
class, low-power operation, these modules are the ideal choice for applications
where designers need both performance and minimum size. For maximum
flexibility in systems integration, the modules are designed to support a separate
power supply for I/O.
To aid product development and integration, Laird Technologies has integrated a
complete Bluetooth protocol stack within the modules, including support for the
Bluetooth Serial Port Profile. The modules are fully qualified as Bluetooth End
Products, allowing designers to integrate them within their own products with no
further Bluetooth Qualification. They can then list and promote their products on
the Bluetooth website free of charge.
A comprehensive AT command or Multipoint Packet Protocol is included, which
simplifies firmware integration. This ensures that the choice of Laird Technologies
Bluetooth modules guarantees the fastest route to market.
Features and Benefits
Bluetooth v2.0+EDR
Adaptive frequency hopping to cope with
interference from other wireless devices
External or internal antenna options
Comprehensive AT interface for simple
programming
Multipoint Packet Protocol supporting up
to 3 connections
Bluetooth End Product Qualified
Compact size
Class 2 output – 4 dBm
Low power operation
UART interface
PCM and SCO for external codec
GPIO lines under AT control
Wi-Fi co-existence
Application Areas
Embedded devices
Phone accessories
Security devices
Medical and telehealth
devices
Aftermarket automotive
applications
Bluetooth advertising
ePOS


Similar Part No. - BTM430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTM430 ETC2-BTM430 Datasheet
448Kb / 2P
Bluetooth짰 AT Data Module
logo
Laird Tech Smart Techno...
BTM430 LSTD-BTM430 Datasheet
1Mb / 25P
modules from Laird Technologies have been designed to meet the needs of developers who wish to add robust
More results

Similar Description - BTM430

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
Bluetooth??ISM 2.4-GHz Front- End IC
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
Bluetooth/ISM 2.4-GHz Front-End IC
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
Bluetooth/ISM 2.4-GHz Front-end IC
logo
List of Unclassifed Man...
WT41-A ETC2-WT41-A Datasheet
1Mb / 49P
Fully Qualified Bluetooth v2.1 EDR end product
logo
Cooper Bussmann, Inc.
F03B125V10AS COOPER-F03B125V10AS Datasheet
157Kb / 3P
Military Qualified Product Listing
logo
DB Lectro Inc
BCD100 DBLECTRO-BCD100 Datasheet
310Kb / 2P
Fully qualified with Bluetooth v2.0 EDR specification
logo
Cooper Bussmann, Inc.
F09B250V5AS COOPER-F09B250V5AS Datasheet
157Kb / 3P
Military Qualified Product Listing
logo
Microchip Technology
IS2063 MICROCHIP-IS2063 Datasheet
5Mb / 58P
Qualified for Bluetooth v4.2 specifications
2016
logo
Nordic Semiconductor
NRF52840 NORDIC-NRF52840 Datasheet
318Kb / 2P
High-end multiprotocol Bluetooth Low Energy (LE) SoC supporting: Bluetooth 5.3/Bluetooth mesh/Thread/ Zigbee/802.15.4/ANT
Version 3.0
NRF52820 NORDIC-NRF52820 Datasheet
328Kb / 2P
Bluetooth 5.3 SoC supporting Bluetooth Low Energy, Bluetooth mesh, Thread and Zigbee, qualified for up to 105°C.
Version 1.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com