Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020 Datasheet(PDF) 14 Page - SMSC Corporation

Part # COM20020
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button COM20020 Datasheet HTML 10Page - SMSC Corporation COM20020 Datasheet HTML 11Page - SMSC Corporation COM20020 Datasheet HTML 12Page - SMSC Corporation COM20020 Datasheet HTML 13Page - SMSC Corporation COM20020 Datasheet HTML 14Page - SMSC Corporation COM20020 Datasheet HTML 15Page - SMSC Corporation COM20020 Datasheet HTML 16Page - SMSC Corporation COM20020 Datasheet HTML 17Page - SMSC Corporation COM20020 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
14
FIGURE 2 - MULTIPLEXED, 8051-LIKE BUS INTERFACE WITH RS-485 INTERFACE
RXIN
nPULSE
nPULSE
TXEN
GND
+3.3V
100
BACKPLANE
FIGURE
RXIN
nPULSE
FIGURE
Receive
HFD3212-
2
+5V
7
6
Transmitte
HFE4211-
+5V
3
2 Fiber
(ST
2
6
7
NOTE: COM20020 must be in backplane mode
AD0-
nINT1
RESET
nRD
nWR
A15
AD0-AD2, D3-
nCS
nRESET
nRD/nD
nWR/DI
nINTR
A2/BAL
ALE
XTAL1
XTAL2
GND
RXIN
nPULSE
nPULSE
nTXEN
8051
COM20020
Differential
Configuratio
Media
may be
with Figure A, B or
*
LTC1480 or
Equiv.
A0/nMU
27 pF
27 pF
XTAL2
XTAL1
20 MHz
XTAL
3.3V-5V Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com