Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020 Datasheet(PDF) 5 Page - SMSC Corporation

Part # COM20020
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020 Datasheet(HTML) 5 Page - SMSC Corporation

  COM20020 Datasheet HTML 1Page - SMSC Corporation COM20020 Datasheet HTML 2Page - SMSC Corporation COM20020 Datasheet HTML 3Page - SMSC Corporation COM20020 Datasheet HTML 4Page - SMSC Corporation COM20020 Datasheet HTML 5Page - SMSC Corporation COM20020 Datasheet HTML 6Page - SMSC Corporation COM20020 Datasheet HTML 7Page - SMSC Corporation COM20020 Datasheet HTML 8Page - SMSC Corporation COM20020 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
5
DESCRIPTION OF PIN FUNCTIONS
DIP PIN
NO.
PLCC PIN
NO.
NAME
SYMBOL
DESCRIPTION
MICROCONTROLLER INTERFACE
1-3
1-3
Address
0-2
A0/nMUX,
A1,A2/ALE
Input.
On a non-multiplexed mode, A0-A2
are address input bits. (A0 is the LSB) On a
multiplexed address/data bus, nMUX tied
Low, A1 is left open, and ALE is tied to the
Address
Latch
Enable
signal.
A1
is
connected to an internal pull-up resistor.
4-11
4-6,8-12
Data 0-7
AD0-AD2,
D3-D7
Input/Output.
On a non-multiplexed bus,
these signals are used as the data lines for
the device.
On a multiplexed address/data
bus, AD0-AD2 act as the address lines
(latched by ALE) and as the low data lines for
the device. D3-D7 are always used for data
only. These signals are connected to internal
pull-up resistors.
23
27
nRead/nData
Strobe
nRD/nDS
Input. On a 68XX-like bus, nDS is an active
low signal issued by the microcontroller as the
data strobe signal to strobe the data onto the
bus. On a 80XX-like bus, nRD is an active
low signal issued by the microcontroller to
indicate a read operation.
22
26
nWrite/
Direction
nWR/DIR
Input. On a 68XX-like bus, DIR is issued by
the microcontroller as the Read/nWrite signal
to determine the direction of data transfer. In
this case, a logic "1" selects a read operation,
while a logic "0" selects a write operation. In
this case, data is actually strobed by the nDS
signal.
On an 80XX-like bus, nWR is an
active low signal issued by the microcontroller
to indicate a write operation. In this case, a
logic "0" on this pin, when the COM20020 is
accessed, enables data from the data bus to
be written to the device.
19
23
nReset in
nRESET
Input.
This active low signal executes a
hardware reset.
20
24
nInterrupt
nINTR
Output. This active low signal is generated by
the COM20020 when an enabled interrupt
condition occurs.
21
25
nChip Select
nCS
Input.
This active low signal selects the
COM20020 for an access.
TRANSMISSION MEDIA INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com