Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS-HTD03 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # SS-HTD03
Description  High temperature applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SS-HTD03 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  SS-HTD03 Datasheet HTML 1Page - Laird Tech Smart Technology SS-HTD03 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tlam
™ SS HTD03
Thermally Conductive PCB Substrate
(High Temperature)
USA: +1.800.843.4556
Europe: +49.8031.2460.0
Asia: +86.755 2714.1166
CLV-customerservice@lairdtech.com
www.lairdtech.com
THR-DS-Tlam-SS HTD03 1115
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the
Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be
the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights. Version A01
Tlam SS HTD03 Typical Values
Thermal Properties
UNITS
Tlam SS HTD03
Thermal Conductivity
W/mK
2.2
Thermal Resistance
°C-in²/W
0.049
Glass Transition Temperature
°C
168
Soldering Temperature Maximum
°C
288
Heat Capacity
J/g°C
1.12
Electrical Properties
Units
Tlam SS HTD03
Dielectric Constant @ 1KHz/1MHz
5.1/4.9
Dissipation Factor @ 1KHz
0.007
Volume Resistivity @ 25°C
ohm-cm
1.4E+15
Volume Resistivity @ 150°C
ohm-cm
2.0E+11
Surface Resistivity
ohm
1.5E+12
Dielectric Strength
VAC/mil(kVAC/mm)
600(23.6)
Withstand Voltage (DC)
VDC
1800
Mechanical Properties
Units
Tlam SS HTD03
Dielectric Thickness
inch (mm)
0.003(0.076)
Peel Strength
lbs/in (Kg/cm)
5(0.9)
CTE < Tg XY/Z axis
ppm/°C
16/36
CTE > Tg XY/Z axis
ppm/°C
18/155
Young’s Modulus @ 25/150°C
MPa
13180/6810
Poisson’s Ratio 25/150°C
0.277/0.263
Flexural Strength 25°C
MPa
142
Mechanical Properties
Units
Tlam SS HTD03
UL Continuous Operating Temp
°C
150
UL Flammability
E165095
94V0
Comparative Tracking Index
600
Solder Float (2mins @ 288°C)
pass
All properties are typical @ 25°C, unless otherwise specified.
For design engineer guidance only, observed performance varies in application.
Engineers are reminded to test the material in application.
Peel strength is measured with 1oz Cu weight.
All properties are based on nominal thickness.
The layout and process may require thicker starting Tpreg to meet nominal laminated thickness.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com