Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS-HTD03 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SS-HTD03
Description  High temperature applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SS-HTD03 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SS-HTD03 Datasheet HTML 1Page - Laird Tech Smart Technology SS-HTD03 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tlam
™ SS HTD03
Thermally Conductive PCB Substrate
(High Temperature)
USA: +1.800.843.4556
Europe: +49.8031.2460.0
Asia: +86.755 2714.1166
CLV-customerservice@lairdtech.com
www.lairdtech.com
THR-DS-Tlam-SS HTD03 1115
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the
Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be
the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights. Version A01
THERMALLY CONDUCTIVE PRINTED CIRCUIT BOARD SUBSTRATE
Tlam SS HTD03 is a high temperature thermally conductive PCB substrate. The construction consists of a
copper circuit layer bonded to an aluminum or copper base plate with 150°C rated Tlam PP HTD03 dielectric.
The technology of Tlam system resides in the Tlam HTD03 dielectric which offers excellent thermal resistance
and high temperature durability.
Tlam SS HTD03 laminate is processed through standard FR4 print and etch operations.
Tlam SS HTD03 has 6~8 times better thermal conductivity than FR4 to keeping components cool. The Tlam SS
HTD03 laminate is processed through standard FR4 print and etch operations and run through standard pick
and place SMT and manual wire bond process.
Standard constructions are made with 1 and 2 ounce copper and 0.040 (1mm) and 0.062 (1.6mm) inch thick
aluminum. Custom construction of heavier weight circuit copper and thicker aluminum and copper base plate
are also available.
FEATURES AND BENEFITS
 Very low thermal resistance of 0.049°C-in²/W
 Cost effective solution which allow simplified
designs and smaller devices
 High temperature applications
 High glass transition temp for lead free solder
compatibility
 UL 746 B RIT of 150℃
 RoHS compliant
 Environmentally green
MARKETS
 Automotive headlamp
 LED applications
 Power supplies – AD/DC and DC/DC
 Motor drives


Similar Part No. - SS-HTD03

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SS-HTD LSTD-SS-HTD Datasheet
492Kb / 2P
RoHS compliant
More results

Similar Description - SS-HTD03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6HTXXA STMICROELECTRONICS-SM6HTXXA Datasheet
53Kb / 5P
HIGH TEMPERATURE TRANSILTM FOR AUTOMOTIVE APPLICATIONS
Apr-1999
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
26-Jan-2005
logo
HolyStone International
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
RF Monolithics, Inc
XTL1030 RFM-XTL1030 Datasheet
562Kb / 4P
High Performance Crystal for Wide Temperature Applications
logo
Analog Intergrations Co...
50838 AIC-50838 Datasheet
369Kb / 24P
STRATO-THERM Terminals & Splices for High Temperature Applications
logo
M.S. Kennedy Corporatio...
MSK4805 MSK-MSK4805_15 Datasheet
843Kb / 8P
Designed for High Temperature Applications
logo
Abracon Corporation
ASTMHT ABRACON-ASTMHT Datasheet
5Mb / 14P
High temperature applications for Industrial, medical
06.17.2016
logo
Shanghai Leiditech Elec...
SMF4730 LEIDITECH-SMF4730 Datasheet
603Kb / 3P
For surface mounted applications High temperature soldering guaranteed
logo
Endress+Hauser Group Se...
CLS12 EH-CLS12 Datasheet
826Kb / 8P
Conductivity sensor for high-temperature applications
2021-10-31
CLS13 EH-CLS13 Datasheet
855Kb / 8P
Conductivity sensor for high-temperature applications
2022-06-30
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com