Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAF94271 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # MAF94271
Description  External Two-Way Radio Antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MAF94271 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  MAF94271 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Americas: +1.847.839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
FEATURES
• Covers 2.4 to 2.5 GHz for 802.11b, and 4.9 to 6 GHz for 802.11a and all US, European, and Japanese
WLAN applications
• Omni-directional patterns at all frequencies with increased gain in upper bands for optimal coverage
ANT-DS-WTS 2450 080114
Any information furnished by Laird, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2014 Laird, Inc. All Rights Reserved. Laird,
the Laird Logo, and other marks are trade marks or registered trade marks of Laird, Inc. or an affiliate company thereof. Other product or service names may be the property of third
parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
WTS 2450
External Two-Way Radio Antenna
MODEL #
PART #
COLOR CONNECTOR
WTSB2450- RPSMA MAF94051 Black
RP-SMA
WTS2450- RPSMA
MAF94110 White
RP-SMA
WTSB2450- SMA
MAF94271 Black
SMA
PARAMETER
SPECIFICATION
Frequency
2.4 - 2.5 GHz
4.9 - 5.875 GHz
Gain
2.1 dBi (2.45 GHz)
2.4 dBi (4.9 GHz)
2.6 dBi (5.25 GHz)
3.4 dBi (5.875 GHz)
Polarization
Vertical, Omni-directional
Nominal Impedance
50 ohms
VSWR
2:1 max across all bands
Size
95.9 mm (180° straight)
or 75.4 mm (90° bent) x 9.3 mm dia.
Azimuth
2.45 GHz
Azimuth
4.9 GHz
Azimuth
5.25 GHz
Azimuth
5.75 GHz
VSWR
FREQUENCIES AND CONNECTORS


Similar Part No. - MAF94271

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MAF94190 LSTD-MAF94190 Datasheet
2Mb / 40P
Dual-Mode UART HCI Module
MAF94300 LSTD-MAF94300 Datasheet
331Kb / 1P
Machine to machine
MAF94301 LSTD-MAF94301 Datasheet
331Kb / 1P
Machine to machine
MAF94302 LSTD-MAF94302 Datasheet
331Kb / 1P
Machine to machine
MAF94303 LSTD-MAF94303 Datasheet
331Kb / 1P
Machine to machine
More results

Similar Description - MAF94271

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPP9401E3 MICROSEMI-UPP9401E3 Datasheet
72Kb / 2P
POWERMITE TM PACKAGE COMMERCIAL TWO-WAY RADIO ANTENNA SWITCH DIODE
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
COMMERCIAL TWO-WAY RADIO
UM9401 MICROSEMI-UM9401_09 Datasheet
401Kb / 7P
COMMERCIAL TWO WAY RADIO ANTENNA SWITCH DIODES
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
Two-way Radio Audio Processor
logo
Laird Tech Smart Techno...
EXH LSTD-EXH Datasheet
292Kb / 1P
Two-Way Radio Antenna
EXL LSTD-EXL Datasheet
199Kb / 1P
Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
Two-Way Radio Antenna
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
Two Way Radio Flash MCU
November 25, 2016
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
Analog Two Way Radio IC
Rev.1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com