Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLDR4100-AS12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLDR4100-AS12
Description  Very high intensity even at low drive currents
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLDR4100-AS12 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLDR4100-AS12 Datasheet HTML 1Page - Vishay Siliconix TLDR4100-AS12 Datasheet HTML 2Page - Vishay Siliconix TLDR4100-AS12 Datasheet HTML 3Page - Vishay Siliconix TLDR4100-AS12 Datasheet HTML 4Page - Vishay Siliconix TLDR4100-AS12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TLDR4100
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 23-Apr-13
3
Document Number: 82561
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Relative Luminous Intensity vs. Angular Displacement
Fig. 4 - Forward Current vs. Forwart Voltage
Fig. 5 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 6 - Relative Luminous Intensity vs. Forward Current/Duty Cycle
Fig. 7 - Relative Luminous Intensity vs. Forward Current
Fig. 8 - Relative Intensity vs. Wavelength
0.4
0.2
0
22181
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
1
10
100
95 10014
1
1.5
2
2.5
3
V
F - Forward Voltage (V)
red
0
95 10015
20
40
60
80
100
T
amb - Ambient Temperature (°C)
0
0.4
0.8
1.2
1.6
2.0
red
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10262
500
0.5
0.2
0.1
0.05
0.02
1
I
F (mA)
t
P/T
2.0
red
I
FAV = 10 mA, const.
10
0.1
1
0.01
0.1
1
10
100
95 10016
I
F - Forward Current (mA)
red
600
620
640
660
680
0
0.2
0.4
0.6
0.8
1.2
700
95 10018
- Wavelength (nm)
1.0
red



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com