Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLDR4100-AS12 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLDR4100-AS12
Description  Very high intensity even at low drive currents
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLDR4100-AS12 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLDR4100-AS12 Datasheet HTML 1Page - Vishay Siliconix TLDR4100-AS12 Datasheet HTML 2Page - Vishay Siliconix TLDR4100-AS12 Datasheet HTML 3Page - Vishay Siliconix TLDR4100-AS12 Datasheet HTML 4Page - Vishay Siliconix TLDR4100-AS12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLDR4100
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 23-Apr-13
1
Document Number: 82561
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Intensity LED, Ø 3 mm Untinted Clear Package
DESCRIPTION
This LED contains the double heterojunction (DH) GaAlAs on
GaAs technology.
This deep red LED can be utilized over a wide range of drive
current. It can be DC or pulse driven to achieve desired light
output.
The device is available in a 3 mm untinted clear package.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
•Package: 3 mm
• Product series: standard
• Angle of half intensity: ± 22°
FEATURES
• Exceptional brightness
• Very high intensity even at low drive currents
• Wide viewing angle
• Low forward voltage
• 3 mm (T-1) untinted clear package
• Deep red color
• Categorized for luminous intensity
• Outstanding material efficiency
• Material
categorization:
For
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Status lights
• Off/on indicator
• Background illumination
• Readout lights
• Maintenance lights
•Legend light
19220
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
TLDR4100
Red
40
90
-
20
-
648
-
20
-
1.8
2.2
20
GaAlAs on GaAs
TLDR4100-AS12
Red
40
90
-
20
-
648
-
20
-
1.8
2.2
20
GaAlAs on GaAs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TLDR4100
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
6V
DC forward current
Tamb  60 °C
IF
50
mA
Surge forward current
tp  10 μs
IFSM
1A
Power dissipation
Tamb  60 °C
PV
100
mW
Junction temperature
Tj
+ 100
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
400
K/W


Similar Part No. - TLDR4100-AS12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR440. VISHAY-TLDR440. Datasheet
172Kb / 6P
High Intensity LED, ∅ 3 mm Tinted Diffused
30-Aug-04
TLDR4400 VISHAY-TLDR4400 Datasheet
74Kb / 5P
High Intensity LED, 3 mm Tinted Diffused
04-Feb-99
TLDR4400 VISHAY-TLDR4400 Datasheet
172Kb / 6P
High Intensity LED, ∅ 3 mm Tinted Diffused
30-Aug-04
TLDR4400 VISHAY-TLDR4400 Datasheet
104Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
11-Dec-13
TLDR4400 VISHAY-TLDR4400 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
More results

Similar Description - TLDR4100-AS12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR401R INFINEON-BCR401R Datasheet
42Kb / 3P
LED Driver(Supplies stable bias current even at low battery voltage)
Aug-29-2001
BCR402U INFINEON-BCR402U Datasheet
174Kb / 5P
LED Driver(Supplies stable bias current even at low battery voltage)
Feb-03-2004
logo
Jianghai Europe GmbH
CD287GC JIANGHAI-CD287GC Datasheet
1,010Kb / 5P
EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR at High Ripple Currents(Radial)
logo
Hamamatsu Corporation
C10508 HAMAMATSU-C10508 Datasheet
591Kb / 5P
Variable gain and stable detection even at high gains
logo
International Rectifier
IR3477M IRF-IR3477M_15 Datasheet
904Kb / 21P
Excellent Efficiency at Very Low Output Currents
logo
Hamamatsu Corporation
C10508-01 HAMAMATSU-C10508-01_15 Datasheet
510Kb / 7P
Variable gain, stable detection even at high gain
logo
List of Unclassifed Man...
SFM3200 ETC2-SFM3200 Datasheet
331Kb / 7P
Superior performance at very low flows
logo
Vishay Siliconix
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
Very high intensity even at low drive currents
29-Apr-13
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C115 AVAGO-HLMP-C115 Datasheet
271Kb / 10P
Very high intensity
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
Very high intensity at low drive currents
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com