Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7215IMX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7215IMX
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7215IMX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC7215IMX Datasheet HTML 1Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 2Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 3Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 4Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 5Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 6Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 7Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 8Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2.7V to 5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V to 5V, V− = 0V, V
CM = VO = V+/2. Boldface limits
apply at the temperature extremes.
Typ
LMC7215
LMC7225
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
Current (Note 10)
V
+ = 5.0V, Sinking
30
mA
I
Leakage
Output Leakage Current
V
+ = 2.2V
nA
V
IN+ = 0.1V, VIN− = 0V,
0.01
NA
500
max
V
OUT = 15V
I
S
Supply Current
V
+ = 5.0V
0.7
1
1
µA
V
IN+ = 5V, VIN− = 0V
1.2
1.2
max
AC Electrical Characteristics
Unless otherwise specified, T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = V
+/2
LMC7215
LMC7225
Symbol
Parameter
Conditions
Typ
Typ
Units
(Note 5)
(Notes 5, 8)
t
rise
Rise Time
Overdrive = 10 mV (Note 8)
1
12.2
µs
t
fall
Fall Time
Overdrive = 10 mV (Note 8)
0.4
0.35
µs
t
PHL
Propagation Delay
(Notes 8, 9)
Overdrive = 10 mV
24
24
µs
(High to Low)
Overdrive = 100 mV
12
12
V
+ = 2.7V
Overdrive = 10 mV
17
17
µs
(Notes 8, 9)
Overdrive = 100 mV
11
11
t
PLH
Propagation Delay
(Notes 8, 9)
Overdrive = 10 mV
24
29
µs
(Low to High)
Overdrive = 100 mV
12
17
V
+ = 2.7V
Overdrive = 10 mV
17
22
µs
(Notes 8, 9)
Overdrive = 100 mV
11
16
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(max) −TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: CMRR measured at VCM = 0V to 2.5V and 2.5V to 5V when VS = 5V, VCM = 0.2V to 1.35V and 1.35V to 2.7V when VS = 2.7V. This eliminates units that
have large VOS at the VCM extremes and low or opposite VOS at VCM = VS/2.
Note 8: All measurements made at 10 kHz. A 100 k
Ω pull-up resistor was used when measuring the LMC7225. CLOAD = 50 pF including the test jig and scope probe.
The rise times of the LMC7225 are a function of the R-C time constant.
Note 9: Input step voltage for the propagation measurements is 100 mV.
Note 10: Do not short the output of the LMC7225 to voltages greater than 10V or damage may occur.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com