Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7215IMX Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7215IMX
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7215IMX Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMC7215IMX Datasheet HTML 3Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 4Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 5Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 6Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 7Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 8Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 9Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 10Page - National Semiconductor (TI) LMC7215IMX Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application Information (Continued)
LATCH-UP
In the past, most CMOS IC’s were susceptible to a damaging
phenomena known as latch-up. This occurred when an ESD
current spike or other large signal was applied to any of the
pins of an IC. The LMC7215 and LMC7225 both are de-
signed to make them highly resistant to this type of damage.
They have passed qualification tests with input currents on
any lead up to 300 mA at temperatures up to 125˚C.
SPICE MODELS
For a SPICE model of the LMC7215, LMC7225 and many
other op-amps and comparators, contact the NSC Customer
Response Center at 800-272-9959 or on the World Wide
Web at http://www.national.com/models/index.html.
SOT-23-5 Tape and Reel Specification
REEL DIMENSIONS
DS012853-8
FIGURE 5. R
S = 10Ω
DS012853-9
FIGURE 6.
DS012853-10
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com