Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT30AHT Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT30AHT
Description  High Performance Off-Line Controller ActiveSwitcherTM IC Family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT30AHT Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT30AHT Datasheet HTML 1Page - Active-Semi, Inc ACT30AHT Datasheet HTML 2Page - Active-Semi, Inc ACT30AHT Datasheet HTML 3Page - Active-Semi, Inc ACT30AHT Datasheet HTML 4Page - Active-Semi, Inc ACT30AHT Datasheet HTML 5Page - Active-Semi, Inc ACT30AHT Datasheet HTML 6Page - Active-Semi, Inc ACT30AHT Datasheet HTML 7Page - Active-Semi, Inc ACT30AHT Datasheet HTML 8Page - Active-Semi, Inc ACT30AHT Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACT30
Rev 5, 05-Jun-09
Active-Semi
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActiveSwitcher
TM is a trademark of Active-Semi.
ORDERING INFORMATION
PIN DESCRIPTIONS
PART NUMBER
SWITCHING
FREQUENCY
CURRENT
LIMIT
JUNCTION
TEMPERATURE
PINS
ACT30AHT
65kHz
400mA
-40˚C to 150˚C
3
PACKAGE
TO-92
ACT30BHT
65kHz
800mA
-40˚C to 150˚C
TO-92
3
ACT30AYT
65kHz
400mA
-40˚C to 150˚C
SOT23-B
3
PIN
NAME
DESCRIPTION
TO-92
SOT23-B
1
1
VDD
Power Supply Pin. Connect to optocoupler's emitter. Internally limited to 5.5V max.
Bypass to GND with a proper compensation network.
2
3
GND
Ground.
3
2
DRV
Driver Output (TO-92 Only). Connect to emitter of the high voltage NPN or
MOSFET. For ACT30A/C, DRV pin is internally connected to DRV1. For ACT30B/D,
DRV pin is internally connected to both DRV1 and DRV2.
PIN CONFIGURATION
TO-92
SOT23-B
ACT30A
ACT30B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com