Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT30AHT Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT30AHT
Description  High Performance Off-Line Controller ActiveSwitcherTM IC Family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT30AHT Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT30AHT Datasheet HTML 1Page - Active-Semi, Inc ACT30AHT Datasheet HTML 2Page - Active-Semi, Inc ACT30AHT Datasheet HTML 3Page - Active-Semi, Inc ACT30AHT Datasheet HTML 4Page - Active-Semi, Inc ACT30AHT Datasheet HTML 5Page - Active-Semi, Inc ACT30AHT Datasheet HTML 6Page - Active-Semi, Inc ACT30AHT Datasheet HTML 7Page - Active-Semi, Inc ACT30AHT Datasheet HTML 8Page - Active-Semi, Inc ACT30AHT Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActiveSwitcher
TM is a trademark of Active-Semi.
ACT30
Rev 5, 05-Jun-09
High Performance Off-Line Controller
ActiveSwitcher
TM IC Family
FEATURES
Lowest Total Cost Solution
0.15W Standby Power
Emitter Drive Allows Safe NPN Transistor
Flyback Use
Hiccup Mode Short Circuit
Current Mode Operation
Over-Current Protection
Under-voltage Protection with Auto-Restart
Proprietary Scalable Output Driver
Flexible Packaging Options (Including TO-92)
65kHz or 100kHz Switching Frequency
Selectable 0.4A to 1.2A Current Limit
APPLICATIONS
Battery Chargers
Power Adaptors
Standby Power Supplies
Appliances
Universal Off-Line Power Supplies
GENERAL DESCRIPTION
The ACT30 is a high performance green-energy off-
line power supply controller. It features a scalable
driver for driving external NPN or MOSFET
transistors
for
line
voltage
switching.
This
proprietary architecture enables many advanced
features to be integrated into a small package
(TO-92 or SOT23-B), resulting in lowest total cost
solution.
The ACT30 design has six internal terminals and is
a pulse frequency and width modulation IC with
many flexible packaging options. One combination
of internal terminals is packaged in the space-
saving TO-92 package (A/B versions) for 65kHz or
100kHz switching frequency and with 400mA or
800mA current limit.
Consuming only 0.15W in standby, the IC features
over-current, hiccup mode short circuit, and under-
voltage protection mechanisms.
The ACT30 is ideal for use in high performance
universal adaptors and chargers. For highest
performance versus cost and smallest PCB area,
use the ACT30 in combination with the ACT32
CV/CC Controller.
D1
+
HIGH VOLTAGE DC
C1
R2
D2
R1
GND
VDD
DRV
Q1
OPTOCOUPLER
IC1
Figure 1:
Simplified Application Circuit
Active-Semi


Similar Part No. - ACT30AHT

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT30AHT ACTIVE-SEMI-ACT30AHT Datasheet
265Kb / 10P
High Performance Off-Line Controller ActiveSwitcher??IC Family
Rev 5, 05-Jun-09
More results

Similar Description - ACT30AHT

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906DB2 SUTEX-HV9906DB2 Datasheet
287Kb / 4P
Off-Line Current Source Controller
logo
Texas Instruments
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
logo
Micronas
VCT38XXA MICRONAS-VCT38XXA Datasheet
2Mb / 172P
Video/Controller/Teletext IC Family
logo
Active-Semi, Inc
ACT30 ACTIVE-SEMI-ACT30 Datasheet
265Kb / 10P
High Performance Off-Line Controller ActiveSwitcher??IC Family
Rev 5, 05-Jun-09
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
logo
Power Integrations, Inc...
LNK354PN POWERINT-LNK354PN Datasheet
868Kb / 16P
lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
Monolithic Power System...
MP4652 MPS-MP4652 Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
logo
STMicroelectronics
VIPER35 STMICROELECTRONICS-VIPER35 Datasheet
1Mb / 44P
Quasi-resonant high performance off line high voltage converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com