Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT30BHT Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT30BHT
Description  High Performance Off-Line Controller ActiveSwitcherTM IC Family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT30BHT Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT30BHT Datasheet HTML 1Page - Active-Semi, Inc ACT30BHT Datasheet HTML 2Page - Active-Semi, Inc ACT30BHT Datasheet HTML 3Page - Active-Semi, Inc ACT30BHT Datasheet HTML 4Page - Active-Semi, Inc ACT30BHT Datasheet HTML 5Page - Active-Semi, Inc ACT30BHT Datasheet HTML 6Page - Active-Semi, Inc ACT30BHT Datasheet HTML 7Page - Active-Semi, Inc ACT30BHT Datasheet HTML 8Page - Active-Semi, Inc ACT30BHT Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACT30
Rev 5, 05-Jun-09
Active-Semi
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActiveSwitcher
TM is a trademark of Active-Semi.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VVDD = 4V, TJ = 25°C, unless otherwise specified.)
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.
PARAMETER
VALUE
UNIT
VDD, FREQ to GND
-0.3 to 6
V
VDD Current
20
mA
DRV, DRV1, DRV2 to GND
-0.3 to 18
V
Continuous DRV, DRV1, DRV2 Current
Internally limited
A
Maximum Power Dissipation
TO-92
0.6
W
SOT23-B
0.39
Operating Junction Temperature
-40 to 150
˚C
Storage Temperature
-55 to 150
˚C
300
˚C
Lead Temperature (Soldering, 10 sec)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VVDD Start Voltage
VSTART
Rising edge
4.75
5
5.25
V
DRV1 Start Voltage
VDRVST
ACT30A
8.6
10.5
V
ACT30B
9.6
11.5
DRV1 Short-Circuit Detect Threshold
VSCDRV
6.35
6.8
7.25
V
VVDD Under-Voltage Threshold
VUV
Falling edge
3.17
3.35
3.63
V
VVDD Clamp Voltage
10mA
5.15
5.45
5.95
V
Startup Supply Current
IDDST
VVDD = 4V before VUV
0.23
0.45
mA
Supply Current
IDD
0.7
1
mA
Switching Frequency
fSW
ACT30A/B or FREQ = 0
50
65
80
kHz
Maximum Duty Cycle
DMAX
ACT30A, VVDD = 4V
67
75
83
%
ACT30B, VVDD = 4V
60
Minimum Duty Cycle
DMIN
VVDD = 4.6V
3.5
%
Effective Current Limit
ILIM
VVDD = VUV + 0.1V
ACT30A
340
400
480
mA
ACT30B with
DRV1 = DRV2
680
800
920
VVDD to DRV1 Current Coefficient
GGAIN
-0.29
A/V
VDD Dynamic Impedance
RVDD
9
kΩ
DRV1 or DRV2 Driver On-
Resistance
RDRV1,
RDRV2
IDRV1 = IDRV2 = 0.05A
3.6
DRV1 Rise Time
1nF load, 15Ω pull-up
30
ns
DRV1 Fall Time
1nF load, 15Ω pull-up
20
ns
DRV1 and DRV2 Switch Off Current
Driver off, VDRV1 = VDRV2 = 10V
12
30
µA
DRV1 must be
higher than this
voltage to start up.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com