Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT30BHT Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT30BHT
Description  High Performance Off-Line Controller ActiveSwitcherTM IC Family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT30BHT Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT30BHT Datasheet HTML 1Page - Active-Semi, Inc ACT30BHT Datasheet HTML 2Page - Active-Semi, Inc ACT30BHT Datasheet HTML 3Page - Active-Semi, Inc ACT30BHT Datasheet HTML 4Page - Active-Semi, Inc ACT30BHT Datasheet HTML 5Page - Active-Semi, Inc ACT30BHT Datasheet HTML 6Page - Active-Semi, Inc ACT30BHT Datasheet HTML 7Page - Active-Semi, Inc ACT30BHT Datasheet HTML 8Page - Active-Semi, Inc ACT30BHT Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACT30
Rev 5, 05-Jun-09
Active-Semi
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActiveSwitcher
TM is a trademark of Active-Semi.
FUNCTIONAL BLOCK DIAGRAM
VDD
REGULATOR
GND
FREQ1
DRV2 2
BIAS
& UVLO
OSC &
RAMP
CURRENT
PFWM
SWITCHING
CONTROL
LOGIC
SLEW
GND
DRV1
HICCUP
CONTROL
+
9k
200k
4.75V
10µA/V
ILIM VC
GENERATOR
ERROR
COMP
20k
20k
40
1X
56X
56X
3.6V (ACT30A/C)
4.6V (ACT30B/D)
FUNCTIONAL DESCRIPTION
As seen in the Functional Block Diagram, the main
components include switching control logic, two on-
chip medium-voltage power-MOSFETs with parallel
current
sensor,
driver,
oscillator
and
ramp
generator, current limit VC generator, error
comparator, hiccup control, bias and under voltage-
lockout, and regulator circuitry.
As seen in the Functional Block Diagram, the
design has six internal terminals. VVDD is the power
supply terminal. DRV1 and DRV2 are linear driver
outputs that can drive the emitter of an external
high voltage NPN transistor or N-channel MOSFET.
This emitter-drive method takes advantage of the
high VCBO of the transistor, allowing a low cost
transistor such as ‘13003 (VCBO = 700V) or ‘13002
(VCBO = 600V) to be used for a wide AC input range.
The slew-rate limited driver coupled with the turn-off
characteristics of an external NPN transitor result in
lower EMI.
The driver peak current is designed to have a
negative voltage coefficient with respect to supply
voltage VVDD, so that lower supply voltage
automatically results in higher DRV1 peak current.
This way, the optocoupler can control VVDD directly
to affect driver current.
Startup Sequence
Figure 1 shows a Simplified Application Circuit for
the ACT30. Initially, the small current through
resistor R1 charges up the capacitor C1, and the
BJT acts as a follower to bring up the DRV1
voltage. An internal regulator generates a VVDD
voltage equal to VDRV1 – 3.6V for ACT30A (VDRV1
4.6V for ACT30B) but limits it to 5.5V max. As VVDD
crosses 5V, the regulator sourcing function stops
and VVDD begins to drop due to its current
consumption. As VVDD voltage decreases below
4.75V, the IC starts to operate with increasing driver
current. When the output voltage reaches regulation
point, the optocoupler feedback circuit stops VVDD
from decreasing further. The switching action also
allows the auxiliary windings to take over in
supplying the C1 capacitor. Figure 2 shows a
typical startup sequence for the ACT30.
To limit the auxiliary voltage, use a 12V zener diode
for ACT30A or a 13V zener diode for ACT30B (D1
diode in Figure 1).
Even though up to 2MΩ startup resistor (R1) can be
used due to the very low startup current, the actual
R1 value should be chosen as a compromise
between standby power and startup time delay.
: FREQ terminal wire-bonded to VDD in ACT30C/D (TO-92)
: DRV2 terminal wire-bonded to DRV1 in ACT30B/D (TO-92)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com