Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMB31 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMB31
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMB31 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMB31 Datasheet HTML 1Page - Vishay Siliconix VLMB31 Datasheet HTML 2Page - Vishay Siliconix VLMB31 Datasheet HTML 3Page - Vishay Siliconix VLMB31 Datasheet HTML 4Page - Vishay Siliconix VLMB31 Datasheet HTML 5Page - Vishay Siliconix VLMB31 Datasheet HTML 6Page - Vishay Siliconix VLMB31 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VLMB31..
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 03-Aug-15
2
Document Number: 81621
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for short term application
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
The above Type Numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel). In order to ensure availability, single brightness
groups will not be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, singe wavelength groups will not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMB31..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb
≤ 60 °C
IF
20
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.2
A
Power dissipation
PV
84
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction / ambient Mounted on PC board (pad size > 16 mm2)RthJA
350
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMB31.., BLUE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX
UNIT
Luminous intensity (1)
IF = 10 mA
VLMB31J2L2
IV
5.6
10
18
mcd
VLMB31K2L2
IV
9
10.5
18
mcd
VLMB31J2K2
IV
5.6
10
11.2
mcd
Dominant wavelength
IF = 10 mA
λd
458
466
472
nm
Peak wavelength
IF = 10 mA
λp
-
428
-
nm
Angle of half intensity
IF = 10 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 20 mA
VF
-3.9
4.5
V
Reverse voltage
IR = 10 μA
VR
5-
-
V
Temperature coefficient of VF
IF = 10 mA
TCV
-- 4
-
mV/K
Temperature coefficient of IV
IF = 10 mA
TCI
-
- 0.4
-
%/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
OPTIONAL
MIN.
MAX.
J2
5.6
7.1
K
17.1
9
2
9
11.2
L
1
11.2
14
214
18
COLOR CLASSIFICATION
GROUP
DOMINANT WAVELENGTH (nm)
BLUE
MIN.
MAX.
2
458
464
3
462
468
4
466
472
CROSSING TABLE
VISHAY
OSRAM
VLMB31J2L2
LBT676J2L2
VLMB31K2L2
LBT676K2L2
VLMB31J2K2
LBT676J2K2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com