Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMB31 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMB31
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMB31 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMB31 Datasheet HTML 1Page - Vishay Siliconix VLMB31 Datasheet HTML 2Page - Vishay Siliconix VLMB31 Datasheet HTML 3Page - Vishay Siliconix VLMB31 Datasheet HTML 4Page - Vishay Siliconix VLMB31 Datasheet HTML 5Page - Vishay Siliconix VLMB31 Datasheet HTML 6Page - Vishay Siliconix VLMB31 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VLMB31..
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 03-Aug-15
3
Document Number: 81621
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature for GaN
Fig. 2 - Relative Luminous Intensity
Fig. 3 - Relative Intensity vs. Wavelength
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Specific Luminous Flux vs. Forward Current
Fig. 6 - Dominant Wavelength vs. Forward Current
0
5
10
15
20
25
0
T
amb - Ambient Temperature (°C)
20916
10 20 30 40 50 60 70 80
110
100
90
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
20
40
60
80
100
120
350
400
450
500
550
600
λ - Wavelenght (nm)
15849
I
F = 10 mA
1
10
100
V
F - Forward Voltage (V)
15846
02
4
6
8
13
57
I
F - Forward Current (mA)
20447
0.01
0.1
1
10
110
100
I
F - Forward Current (mA)
16814
468
470
472
474
476
0
1020304050
blue



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com