Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS2UAT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PESDXS2UAT
Description  Double ESD protection diodes in SOT23 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS2UAT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PESDXS2UAT Datasheet HTML 5Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 6Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 7Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 8Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 9Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 10Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 11Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 12Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
2004 Feb 18
9
Philips Semiconductors
Product specification
Double ESD protection diodes
in SOT23 package
PESDxS2UAT series
001aaa151
450
Ω
50
Ω
Note 1: IEC61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
D.U.T.: PESDxS2UAT
RG 223/U
50
Ω coax
RZ
CZ
ESD TESTER
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 20 V/div
horizontal scale = 50 ns/div
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 10 V/div
horizontal scale = 50 ns/div
GND
GND
GND
GND
GND
GND
GND
unclamped
+1 kV ESD voltage waveform
(IEC61000-4-2 network)
clamped
+1 kV ESD voltage waveform
(IEC61000-4-2 network)
GND
unclamped
−1 kV ESD voltage waveform
(IEC61000-4-2 network)
clamped
−1 kV ESD voltage waveform
(IEC61000-4-2 network)
note 1
PESD24VS2UAT
PESD15VS2UAT
PESD12VS2UAT
PESD5V0S2L
PESD3V3S2UAT
Fig.9 ESD clamping test set-up and waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com