Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS2UAT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESDXS2UAT
Description  Double ESD protection diodes in SOT23 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS2UAT Datasheet(HTML) 2 Page - NXP Semiconductors

  PESDXS2UAT Datasheet HTML 1Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 2Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 3Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 4Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 5Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 6Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 7Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 8Page - NXP Semiconductors PESDXS2UAT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2004 Feb 18
2
Philips Semiconductors
Product specification
Double ESD protection diodes
in SOT23 package
PESDxS2UAT series
FEATURES
• Unidirectional ESD protection of up to two lines
• Common-cathode configuration
• Max. peak pulse power: Ppp = 330 W at tp = 8/20 µs
• Low clamping voltage: V(CL)R = 20 V at Ipp =18A
• Ultra-low reverse leakage current: IRM < 700 nA
• ESD protection > 30 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); Ipp = 18 A at tp = 8/20 µs.
APPLICATIONS
• Computers and peripherals
• Communication systems
• Audio and video equipment
• Data lines
• CAN bus protection.
DESCRIPTION
Unidirectional double ESD protection diodes in common
cathode configuration in the SOT23 plastic package.
Designed to protect up to two transmission or data lines
against damage from ElectroStatic Discharge (ESD) and
other transients.
MARKING
Note
1. * = p : made in Hong Kong.
* = t : made in Malaysia.
* = W : made in China.
QUICK REFERENCE DATA
PINNING
TYPE NUMBER
MARKING CODE(1)
PESD3V3S2UAT
*7A
PESD5V0S2UAT
*7B
PESD12VS2UAT
*7C
PESD15VS2UAT
*7D
PESD24VS2UAT
*7E
SYMBOL
PARAMETER
VALUE
UNIT
VRWM
reverse stand-off
voltage
3.3, 5, 12, 15
and 24
V
Cd
diode capacitance
VR =0V;
f = 1 MHz
207, 152, 38, 32
and 23
pF
number of
protected lines
2
PIN
DESCRIPTION
1
anode 1
2
anode 2
3
common cathode
sym002
2
1
3
1
2
001aaa401
3
Fig.1 Simplified outline (SOT23) and symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com