Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCACAP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCACAP
Description  NTC Thermistors, Refrigerator Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCACAP Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCACAP Datasheet HTML 1Page - Vishay Siliconix NTCACAP Datasheet HTML 2Page - Vishay Siliconix NTCACAP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTCACAP Series for Refrigerator
www.vishay.com
Vishay BCcomponents
Revision: 03-Feb-17
1
Document Number: 29095
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Refrigerator Sensors
Note
(1) Other resistance, tolerance and B-values available on request
FEATURES
• Key component for temperature sensing and
electronic control
• Accurate Vishay NTC chips, enabling class A to
class A+++ refrigerator grades
• Sensor design following class II insulation
(principal + supplementary insulation for the
sensor head)
• High
adhesive
strength
between
PVC
wire
and
encapsulating lacquer
• Specifically developed design allows for a very good
water, moisture and ice resistance: 6000 h in water
immersion under voltage
• Suitable for evaporator temperature measurement. Very
high number of thermal cycles resistant: 100 000 cycles
• The
cables
jackets
are
suitable
for
back-panel
polyurethane foaming process (max. 100 °C, 5 min)
• The plastic is not FDA grade
• UL recognized types (file E148885)
• The sensors are also available with single insulated
cables, and with PVC-free cable
• Mounting: assembly
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Temperature measurement, sensing and control:
• White goods
• Refrigerators
• Freezers, deep-freezers
• Ice cube makers
• Counter drinks coolers
• Backbar and catering coolers
•Display fridges
• Wine coolers
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C (1)
2.7K to 10K
Tolerance on R25-value (1)
± 1 to ± 2
%
B25/85-value (1)
3984
K
Tolerance on B25/85-value
± 0.5
%
Operating temperature range at zero
power
-55 to +60
°C
Min. dielectric withstanding voltage
(immersed in water)
3750
VAC
Maximum power dissipation at 25 °C
150
mW
Weight
16
g
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
)
R25-TOL.
(%)
B25/85
(K)
B25/85-TOL.
(%)
CAP.
DIA.
Ø D1
(mm)
CAP.
LENGTH
L2
(mm)
CABLE
INSULATION
CABLE
LENGTH
L1
(mm)
CONNECTOR
SAP MATERIAL AND
ORDERING NUMBER
10 000
± 2
3984
± 0.5
7
25
Single
300
-
-
NTCACAPE3C90193
10 000
± 2
3984
± 0.5
7
25
Double
500
-
-
NTCACAPE3C90144
2700
± 2
3984
± 0.5
7
25
Double
500
UL
-
NTCACAPE3C90066
5000
± 1
3984
± 0.5
8
30
Double
900
-
-
NTCACAPE3C90191
10 000
± 2
3984
± 0.5
9
49
Double
3000
-
-
NTCACAPE3C90065
10 000
± 2
3984
± 0.5
9
49
Double
1250
UL
Rast 2.5
PCB Edge
NTCACAPE3C90125


Similar Part No. - NTCACAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCACAP VISHAY-NTCACAP Datasheet
102Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCACAPE3C90065 VISHAY-NTCACAPE3C90065 Datasheet
102Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCACAPE3C90066 VISHAY-NTCACAPE3C90066 Datasheet
102Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCACAPE3C90125 VISHAY-NTCACAPE3C90125 Datasheet
102Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCACAPE3C90144 VISHAY-NTCACAPE3C90144 Datasheet
102Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
More results

Similar Description - NTCACAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226333 VISHAY-23226333 Datasheet
81Kb / 6P
NTC Thermistors, High Temperature Sensors
10-Oct-03
232264073222 VISHAY-232264073222 Datasheet
62Kb / 1P
NTC Thermistors, Screw Threaded Sensors
10-Oct-03
232264090042 VISHAY-232264090042 Datasheet
50Kb / 2P
NTC Thermistors, Steel Capped Sensors
10-Oct-03
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
NTC Thermistors, Mini Lug Sensors
16-Sep-10
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
NTC Thermistors, Mini Lug Sensors
12-Apr-11
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406 Datasheet
89Kb / 3P
NTC Thermistors, Ice Cube Sensors
09-May-11
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors
12-Oct-2018
NTCACAP VISHAY-NTCACAP_V01 Datasheet
102Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com