Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSMP6000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSMP6000
Description  IR Sensor Module for Remote Control Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSMP6000 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSMP6000 Datasheet HTML 1Page - Vishay Siliconix TSMP6000 Datasheet HTML 2Page - Vishay Siliconix TSMP6000 Datasheet HTML 3Page - Vishay Siliconix TSMP6000 Datasheet HTML 4Page - Vishay Siliconix TSMP6000 Datasheet HTML 5Page - Vishay Siliconix TSMP6000 Datasheet HTML 6Page - Vishay Siliconix TSMP6000 Datasheet HTML 7Page - Vishay Siliconix TSMP6000 Datasheet HTML 8Page - Vishay Siliconix TSMP6000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TSMP6000
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 14-Apr-16
1
Document Number: 82620
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Sensor Module for Remote Control Systems
MECHANICAL DATA
Pinning:
1 = GND, 2 = N.C., 3 = VS, 4 = OUT
ORDERING CODE
Taping:
TSMP6000TT - top view taped
TSMP6000TR - side view taped
FEATURES
• Photo detector and preamplifier in one package
• AC coupled response from 20 kHz to 60 kHz, all
data formats
• Improved
shielding
against
electrical
field
disturbance
• TTL and CMOS compatibility
• Output active low
• Supply voltage 2.5 V to 5.5 V, typically the device
works in the range between 2.0 V and 5.5 V
• Carrier out signal for code learning functions
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The TSMP6000 is a miniaturized sensor for receiving various
kinds of modulated IR signals. A PIN diode and preamplifier
are assembled on a lead frame, the epoxy package is
designed as an IR filter. The modulated output signal, carrier
out, can be used for code learning applications.
This component has not been qualified according to
automotive specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
16797
1
2
3
4
PARTS TABLE
Carrier frequency
20 kHz to 60 kHz
TSMP6000
Package
Panhead
Pinning
1 = GND, 2 = N.C., 3 = VS, 4 = OUT
Dimensions (mm)
7.5 W x 5.3 H x 4.0 D
Mounting
SMD
Application
Code learning
TIA
Amp
Signal shaping
4 Carrier out
19746-1
1 GND
3 V
S
C1 =
4.7 µF
TSMPxxxx
OUT
GND
µC
R1 = 100 Ω
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
19750-2
R2 =
4.7 k
Ω
R1 + C1 recommended to suppress power supply disturbances.
R2 recommended to get faster slopes and a correct high level of the
output pulses.


Similar Part No. - TSMP6000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMP1138 VISHAY-TSMP1138 Datasheet
115Kb / 5P
IR Sensor Module for Remote Control Systems
08-Jan-13
TSMP4138 VISHAY-TSMP4138 Datasheet
96Kb / 4P
IR Sensor Module for Remote Control Systems
05-Feb-14
TSMP58000 VISHAY-TSMP58000 Datasheet
109Kb / 5P
IR Sensor Module for Remote Control Systems
14-Mar-12
TSMP58138 VISHAY-TSMP58138 Datasheet
112Kb / 5P
IR Sensor Module for Remote Control Systems
05-Feb-14
TSMP77000 VISHAY-TSMP77000 Datasheet
258Kb / 10P
IR Sensor Module for Remote Control Systems
14-Apr-16
More results

Similar Description - TSMP6000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMP1138 VISHAY-TSMP1138 Datasheet
115Kb / 5P
IR Sensor Module for Remote Control Systems
08-Jan-13
TSMP58000 VISHAY-TSMP58000 Datasheet
109Kb / 5P
IR Sensor Module for Remote Control Systems
14-Mar-12
TSOP98260 VISHAY-TSOP98260 Datasheet
105Kb / 5P
IR Sensor Module for Remote Control Systems
28-Mar-12
TSMP4138 VISHAY-TSMP4138 Datasheet
96Kb / 4P
IR Sensor Module for Remote Control Systems
05-Feb-14
TSMP58138 VISHAY-TSMP58138 Datasheet
112Kb / 5P
IR Sensor Module for Remote Control Systems
05-Feb-14
TSMP77000 VISHAY-TSMP77000 Datasheet
258Kb / 10P
IR Sensor Module for Remote Control Systems
14-Apr-16
TSOP98200 VISHAY-TSOP98200 Datasheet
106Kb / 5P
IR Sensor Module for Remote Control Systems
21-Feb-12
TSMP96000 VISHAY-TSMP96000 Datasheet
351Kb / 11P
IR Sensor Module for Remote Control Systems
20-Oct-2022
TSMP98000 VISHAY-TSMP98000 Datasheet
165Kb / 5P
IR Sensor Module for Remote Control Systems
20-Oct-2022
TSMP96000 VISHAY-TSMP96000_V01 Datasheet
351Kb / 11P
IR Sensor Module for Remote Control Systems
20-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com