Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSMP6000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSMP6000
Description  IR Sensor Module for Remote Control Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSMP6000 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSMP6000 Datasheet HTML 1Page - Vishay Siliconix TSMP6000 Datasheet HTML 2Page - Vishay Siliconix TSMP6000 Datasheet HTML 3Page - Vishay Siliconix TSMP6000 Datasheet HTML 4Page - Vishay Siliconix TSMP6000 Datasheet HTML 5Page - Vishay Siliconix TSMP6000 Datasheet HTML 6Page - Vishay Siliconix TSMP6000 Datasheet HTML 7Page - Vishay Siliconix TSMP6000 Datasheet HTML 8Page - Vishay Siliconix TSMP6000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TSMP6000
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 14-Apr-16
2
Document Number: 82620
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Testsignal
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage (pin 3)
VS
-0.3 to +6
V
Output voltage (pin 4)
VO
-0.3 to (VS + 0.3)
V
Output current (pin 4)
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
ELECTRICAL AND OPTICAL CHARACTERISTICS CARRIER OUT
(Tamb = 25 °C, unless otherwise specified, VS = 3 V)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply current (pin 3)
Ev = 0
ISD
0.55
0.7
0.9
mA
Supply voltage
VS
2.5
-
5.5
V
Transmission distance
Ev = 0, test signal see fig. 1,
IR diode TSAL6200,
IF = 400 mA
d-
5
-
m
Output voltage low (pin 4)
IOSL = 0.5 mA, test signal see fig. 1
VOSL
--
250
mV
Minimum irradiance
VS = 3 V, (20 kHz to 60 kHz)
Ee min.
-12
25
mW/m2
Maximum irradiance
test signal see fig. 1, (20 kHz to 60 kHz)
Ee max.
50
80
-
W/m2
Directivity
Angle of half transmission distance
ϕ1/2
-± 50
-
deg
Output accuracy
fC = 20 kHz to 60 kHz,
Ee = 25 mW/m2 to 50 W/m2,
testsignal see fig. 1, BER
≤ 2%
N
carrier
pulses
input burst
length
-1 cycle
input burst
length
input burst
length
+1 cycle
counts
Carrier cycle
(26.3 μs in case of 38 kHz)
Delay time td
Optical burst
(input signal)
Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com