Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPSDM06 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # GPSDM06
Description  GLASS MOUNT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSDM06 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  GPSDM06 Datasheet HTML 1Page - Pulse A Technitrol Company GPSDM06 Datasheet HTML 2Page - Pulse A Technitrol Company GPSDM06 Datasheet HTML 3Page - Pulse A Technitrol Company GPSDM06 Datasheet HTML 4Page - Pulse A Technitrol Company GPSDM06 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 800 ANTENNA (268-3662)
27
NOTE: Antennas are not to scale
GPS
single band glass MOUnT
GPS glass mount single band antennas have the following specifications:
Frequency:
1575.4 MHz
Gain:
1.5 dBi
Pattern:
Herispherical
LNA Gain:
26 dB ± 2 dB
Polarization: Right-Hand Circular
VSWR:
1.5:1
Mounting:
Double Sided Tape
Voltage:
3 or 5 V DC
size
Model
H x l x W (in)
Color
Cable
Connector
GPSGMSMA
.2 x 3 x 1.2
Black
16.4’ RG-174
SMA
GPSGMSMB
.2 x 3 x 1.2
Black
16.4’ RG-174
SMB
MUlTi band glass MOUnT
GPS glass mount multi band antennas have the following specifications:
Frequency:
824-960 / 1710-2170 / 1575.4 MHz
Gain:
2/4 dBi
Pattern:
Herispherical
LNA Gain: 26 dB ± 2 dB
Polarization: Linear Verical/Omni
VSWR:
2.5:1/1.5:1
Mounting:
Double Sided Tape
Voltage:
3 or 5 V DC
size
Model
H x l x W (in)
Color
Cable
Connector
GPSGM800/2170FS
.3 x 2 x 4
Black
16.4’ RG-174
FME/SMA
gPs lOW PrOfile single band
GPS low profile single band antennas have the following specifications:
Frequency:
1575.4 MHz
Gain:
5 dBic
Pattern:
Herispherical
LNA Gain:
28 dB ± 2 dB
Polarization: Right-Hand Circular
VSWR:
2.0:1
Mounting:
NMO Mount
Voltage:
5 V DC
size
Model
H x d (in)
Color
Cable
Connector
GPSNMO01
1.3 x 2.9
White
Order Separately
Order Separately
GPSNMO02
1.3 x 2.9
Black
Order Separately
Order Separately
GPSNMO07
1.3 x 2.9
White
17’ RG-58/U
SMB
GPSNMO08
1.3 x 2.9
Black
17’ RG-58/U
SMB
GPSNMO09
1.3 x 2.9
White
17’ RG-58/U
SMA
GPSNMO10
1.3 x 2.9
Black
17’ RG-58/U
SMA
GPSGM
Single Band
GPSGM
Multi Band
The most commonly used cable assembly/mount is the NMOKHFUD (27 MHz to 6 GHz) with 17 ’ of UD (RG-58/U Dual Shield).


Similar Part No. - GPSDM06

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSDM02-12 PULSE-GPSDM02-12 Datasheet
100Kb / 2P
ANTENNA
More results

Similar Description - GPSDM06

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HBM21PT CHENMKO-HBM21PT Datasheet
215Kb / 2P
SURFACE MOUNT GLASS PASSIVATED
logo
Shenzhen Luguang Electr...
HGL341A LUGUANG-HGL341A Datasheet
612Kb / 2P
SURFACE MOUNT GLASS
logo
Leshan Radio Company
FFM101 LRC-FFM101_15 Datasheet
178Kb / 4P
Surface Mount Glass Passivated
FM4937 LRC-FM4937_15 Datasheet
272Kb / 4P
Surface Mount Glass Passivated
HFM102 LRC-HFM102_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated
HFM103 LRC-HFM103_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated
logo
SUNMATE electronic Co.,...
SMB-141N SUNMATE-SMB-141N Datasheet
1Mb / 2P
SURFACE MOUNT GLASS TUBE
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
PACELEADER INDUSTRIAL
PFFM101 PACELEADER-PFFM101 Datasheet
294Kb / 2P
SURFACE MOUNT GLASS PASSIVATED
logo
SMC Diode Solutions Co....
G1A SMCDIODE-G1A Datasheet
294Kb / 4P
MOUNT GLASS RECOVERY RECTIFIER
Rev. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com