Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPSDM06 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # GPSDM06
Description  GLASS MOUNT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSDM06 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  GPSDM06 Datasheet HTML 1Page - Pulse A Technitrol Company GPSDM06 Datasheet HTML 2Page - Pulse A Technitrol Company GPSDM06 Datasheet HTML 3Page - Pulse A Technitrol Company GPSDM06 Datasheet HTML 4Page - Pulse A Technitrol Company GPSDM06 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
30
www.pulseelectronics.com/products/antennas
NOTE: Antennas are not to scale
GPS
gPs lTe direCT MOUnTs
NMOHFGPS mounts have the following specifications:
Frequency:
1575.4 - 1576.4 MHz
Gain:
5 dBic
Polarization: Right-Hand Circular / Vertical
LNA Gain: 26 dB ± 2 dB
Cable:
16.4’ RG-174 (GPS)
VSWR:
Less than 2:1
16.4’ RG-58 (NMOHF)
Voltage:
3 or 5 V DC
Size:
.5 x 2 x 4.5
Color:
Black
Mounting:
5/8” Hole
Model
Connectors
NMOHFGPSFMENOCONN
FME/No Connector
NMOHFGPSFMESMA
FME/SMA
NMOHFGPSNOCONN
No Connectors
NMOHFGPSSMASMA
SMA/SMA
NOTE: Specifications listed refer to GPS performance. Additional antenna
specifications are dependent on the antenna mounted on the NMO side.
single band MagneTiC MOUnTs
GPS single band magnetic mount antennas have the following
specifications:
Frequency:
1575.4 MHz
Gain:
5 dBic
Pattern:
Herispherical
LNA Gain: 26 dB ± 2 dB
Polarization: Right-Hand Circular
VSWR:
Less than 2:1
Cable:
17’ RG-174
Voltage:
5 V DC
size
Model
H x l x W (in)
Color
Connector
GPS0002
0.5 x 1.75 x 1.5
Black
MCX
GPS0006
0.5 x 1.75 x 1.5
Black
SMB
GPS0008
0.5 x 1.75 x 1.5
Black
No Conn
GPS0010
0.5 x 1.75 x 1.5
Black
SMA
GPS0012
0.5 x 1.75 x 1.5
Black
BNC
MUlTi band MagneTiC MOUnTs
GPS Multi band magnetic mount antennas have the following
specifications:
Frequency:
824-960 / 1710-2170 / 1575.4 MHz
Gain:
2 dBi / 2 dBi / 5 dBic
LNA Gain:
26 dB ± 2 dB
Pattern:
Omni / Omni / Herispherical
Polarization: Verticl / Vertical / Right-Hand Circular
VSWR:
Less than 2:1
Cable:
17’ RG-174
Voltage:
3 or 5 V DC
size
Model
H x l x W (in)
Color
Connector
GPSCPMM00
1.3 x 7.6 x 3.4
Black
TNC/SMA
GPSCPMM02
1.3 x 7.6 x 3.4
Black
No Conn/SMA
GPS Single
Band Mag
Mount
GPS Multi
Band Mag
Mount



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com