Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS42AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TMP93CS42AF
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS42AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TMP93CS42AF Datasheet HTML 1Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 2Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 3Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-4
2002-02-20
1.3
Reliability of Microcontrollers
For microcontroller products, reliability can be estimated within the following
temperature range.
Tj = 0
°C to 85°C
Tj (junction temperature) can be calculated using the following formula:
Tj = Ta + Q
× θja
Ta: Operating environment temperature for the product
[°C]
The operating environment temperature is the temperature of the
surrounding environment. The thermal effects of the operation of the
product are not taken into account.
Q: Average power consumption of the product
[W]
θja: Thermal resistance of the package [°C / W]
Note 1: When operating the device outside the range Tj = 0
°C to 85°C for
extended periods, please contact your nearest Toshiba office or
authorized Toshiba dealer.
Note 2: For details of the value of
θja, please contact your nearest Toshiba office
or authorized Toshiba dealer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com