Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS42AF Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TMP93CS42AF
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS42AF Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TMP93CS42AF Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 13Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 14Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 15Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 16Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 18Page - Toshiba Semiconductor TMP93CS42AF Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-15
2002-02-20
Table 2.5
Storage conditions, permissible usage Period after unpacking and baking
requirements for each soldering method (2/3)
Products
Name
Air reflow
Infrared reflow
TMP87CH38F
A(168h)
A(168h)
TMP87CK38F
A(168h)
A(168h)
TMP87CM38F
D(24h)
D(24h)
TMP87CP38F
D(24h)
D(24h)
TMP87CS38F
A(168h)
A(168h)
TMP87PS38F

TMP87CM39F
A(168h)
A(168h)
TMP87CP39F
A(168h)
A(168h)
TMP87CS39F
A(168h)
A(168h)
TMP87PS39F

TMPA8700CHF
A(168h)
A(168h)
TMPA8700CKF
A(168h)
A(168h)
TMPA8700CMF
A(168h)
A(168h)
TMPA8700CPF
A(168h)
A(168h)
TMPA8700CSF
A(168h)
A(168h)
TMPA8700PSF

TMPA8701CHF
A(168h)
A(168h)
TMPA8701CKF
A(168h)
A(168h)
TMPA8701CMF
A(168h)
A(168h)
TMP87C840F
A(168h)
A(168h)
TMP87CC40F
A(168h)
A(168h)
TMP87CH40F
A(168h)
A(168h)
TMP87PH40AF
B(72h)
B(72h)
TMP87CK40AF
A(168h)
A(168h)
TMP87CK40F
A(168h)
A(168h)
TMP87CM40AF
A(168h)
A(168h)
TMP87PM40AF
B(72h)
B(72h)
TMP87C841F
A(168h)
A(168h)
TMP87CC41F
A(168h)
A(168h)
TMP87CH41F
A(168h)
A(168h)
TMP87CK41F
A(168h)
A(168h)
TMP87CM41F
A(168h)
A(168h)
TMP87PM41F
A(168h)
A(168h)
TMP87C841U
A(168h)
A(168h)
TMP87CC41U
A(168h)
A(168h)
TMP87CH41U
A(168h)
A(168h)
TMP87CK41U
A(168h)
A(168h)
TMP87CM41U
A(168h)
A(168h)
TMP87PM41U
A(168h)
A(168h)
TMP87C447U
A(168h)
A(168h)
TMP87C847U
A(168h)
A(168h)
TMP87C847LU
A(168h)
A(168h)
TMP87CH47U
A(168h)
A(168h)
TMP87CH47LU
A(168h)
A(168h)
TMP87PH47U
A(168h)
A(168h)
TMP87PH47LU
A(168h)
A(168h)
TMP87CH48U
A(168h)
A(168h)
Note 1:
As of March, 2001
Note 2:
Symbols A (168h), B (72h), C (48h), D (24h), E(12h),
G and indicate
the maximum permissible period between unpacking and mounting of
the device, and the required storage conditions for the device.
For
details of these conditions, please refer to Table 2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com