Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP95CU54AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TMP95CU54AF
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP95CU54AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TMP95CU54AF Datasheet HTML 1Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 2Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 3Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 4Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 5Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 6Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 7Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 8Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-2
2002-02-20
1.2
Quality Assurance Level of Semiconductor Products
Table 1
Lot Quality Assurance (AQL display: in accordance with ANSI Z 1.4-1993)
Item
AQL
0.15%
0.15%
0.25%
Appearance
Serious Defect
Minor Defect
Electrical Characteristics
Table 1 shows the lot quality
assurance level, which is complied
with the sampling inspection
method (AGL) of MIL-STD-105E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com