Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP95CU54AF Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TMP95CU54AF
Description  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP95CU54AF Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TMP95CU54AF Datasheet HTML 28Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 29Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 30Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 31Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 32Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 33Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 34Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 35Page - Toshiba Semiconductor TMP95CU54AF Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-32
2002-02-20
4.2
Storage
4.2.1
General Storage
(1)
Avoid storage locations where devices will be exposed to moisture or
direct sunlight.
(2)
Follow the instructions printed on the
device cartons regarding transportation and
storage.
(3)
The storage area temperature should be
kept within a temperature range of 5°C to
35°C, and relative humidity should be
maintained at between 45% and 75%.
(4)
Do not store devices in the presence of
harmful (especially corrosive) gases, or in
dusty conditions.
(5)
Use storage areas where there is minimal temperature fluctuation. Rapid
temperature changes can cause moisture to form on stored devices,
resulting in lead oxidation or corrosion. As a result, the solderability of
the leads will be degraded.
(6)
When repacking devices, use anti-static containers.
(7)
Do not allow external forces or loads to be applied to devices while they
are in storage.
(8)
If devices have been stored for more than two years, their electrical
characteristics should be tested and their leads should be tested for ease
of soldering before they are used.
Humidity:
Temperature:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com