Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD35 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # GD35
Description  Ultra low wind loading and low visual impact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

GD35 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  GD35 Datasheet HTML 1Page - Laird Tech Smart Technology GD35 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ANT-DS-GD35 0115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability
or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are
sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved.
Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names
may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
MODEL
SQ. IN
100 MPH 125 MPH 100 MPH WITH ½
IN RADIAL ICE
GD35-17
40
10
15.6
48
GD35-20
79
20
31
99
GD35-25
163
41
64
257
SYSTEM ORDERING INFORMATION
3400-3600 MHz 17 dBi grid dish with N female connector
GD35-17P-NF
GD35-17P-NM
GD35-20P-NF
GD35-20P-NM
GD35-25P-NF
GD35-25P-NM
3400-3600 MHz 17 dBi grid dish with N male connector
3400-3600 MHz 20 dBi grid dish with N female connector
3400-3600 MHz 20 dBi grid dish with N male connector
3400-3600 MHz 25 dBi grid dish with N female connector
3400-3600 MHz 25 dBi grid dish with N male connector
NOTES
• All shipments F.O.B. Schaumburg, IL 60173
PARAMETER
MODEL
MIN
TYP
MAX
UNITS
Frequency Range
3400
3600
MHz
Gain
GD35-17
GD35-20
GD35-25
17
20
25
dBi
3dB Beamwidth
GD35-17
GD35-20
GD35-25
13V, 16H
8V, 12H
6V, 7H
Deg
Front to Back
GD35-17
GD35-20
GD35-25
14
20
20
dB
VSWR
1.5:1
Impedance
50
ohm
Input Power
100
W
Operating Temperature
-40
+70
°C
Pole Size
1 (25)
2 (50)
in (mm)
Weight
GD35-17
GD35-20
GD35-25
4 (1.8)
6 (2.7)
11 (5)
lbs (kg)
Dimension (W x L)
GD35-17
GD35-20
GD35-25
12 x 16 (305 x 406)
16.5 x 24 (419 x 610)
28.5 x 36 (724 x 914 )
in (mm)
Bracket Tilt
45
Deg
SPECIFICATIONS
WIND LOADING (LBS.)
Grid Dish Parabolic Antenna
GD35
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com