Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD35 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # GD35
Description  Ultra low wind loading and low visual impact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

GD35 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  GD35 Datasheet HTML 1Page - Laird Tech Smart Technology GD35 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GD35: 3400 TO 3600 MHz OPERATION
The 3.5 GHz parabolic grid directional antennas offered by Laird utilize a patented parabolic
grid design with a patented high performance dipole feed. The antennas are constructed of
welded steel wires which are galvanized and then powder coat painted with a light gray epoxy
paint. The wire grid semi-parabolic design offers unsurpassed low wind loading while
maintaining good RF performance. The compact low visual impact attractive styling blends
well in almost any application. Mounting is simplified with the Laird bracket system made of
galvanized steel with stainless steel hardware. The antenna comes with 30 inch pigtail with
choice of N male or N female connector.
FEATURES
• 17 dBi, 20 dBi and 25 dBi models available
• Rugged and weatherproof
• Ultra low wind loading and low visual impact
• Vertical or horizontal polarization
MARKETS
• 3.5 GHz wireless applications
• Point-to-point backhaul
• Cellular backhauls
• Client antennas
• WiMAX
ANTENNA PATTERNS
GD35-17
GD30-20
GD35-25
Grid Dish Parabolic Antenna
GD35
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


Similar Part No. - GD35

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GD35 AVX-GD35 Datasheet
105Kb / 1P
Microwave SLCs ULTRA MAXI Series
GD35 AVX-GD35 Datasheet
107Kb / 1P
Microwave SLCs
logo
Relpol S.A.
GD35 RELPOL-GD35 Datasheet
10Mb / 20P
Plug-in sockets and accessories
logo
List of Unclassifed Man...
GD35-17 ETC2-GD35-17 Datasheet
1Mb / 12P
Client Side Antennas
GD35-20 ETC2-GD35-20 Datasheet
1Mb / 12P
Client Side Antennas
More results

Similar Description - GD35

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16240 AD-ADIS16240 Datasheet
447Kb / 16P
Low Power, Programmable Impact Sensor and Recorder
REV. 0
logo
Seiko Instruments Inc
S1206 SII-S1206 Datasheet
557Kb / 35P
ULTRA LOW CURRENT CONSUMPTION AND
logo
List of Unclassifed Man...
034B ETC2-034B Datasheet
325Kb / 2P
Compact design for minimum visual impact
logo
Laird Tech Smart Techno...
ES58-17 LSTD-ES58-17 Datasheet
586Kb / 2P
Low end loading and low visual impact
GD24 LSTD-GD24 Datasheet
1Mb / 2P
Ultra low wind loading and low visual impact
YA9-9 LSTD-YA9-9 Datasheet
1Mb / 2P
Stainless steel construction, low wind loading
GD9-18 LSTD-GD9-18 Datasheet
1Mb / 2P
Low wind loading patented wire grid design
logo
TEMEX
RVG1490L TEMEX-RVG1490L Datasheet
722Kb / 2P
GHZ AND ULTRA-LOW JITTER
RXG1490L TEMEX-RXG1490L Datasheet
729Kb / 2P
GHZ AND ULTRA-LOW JITTER
logo
Stackpole Electronics, ...
ESD SEI-ESD Datasheet
205Kb / 3P
Low and Ultra Low Capacitance ESD Suppressor
12/12/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com