Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC2WHK Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # PC2WHK
Description  Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PC2WHK Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  PC2WHK Datasheet HTML 1Page - Systemsensor advanced ideas. PC2WHK Datasheet HTML 2Page - Systemsensor advanced ideas. PC2WHK Datasheet HTML 3Page - Systemsensor advanced ideas. PC2WHK Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AVDS11401
SpectrAlert Advance Outdoor Strobe, and Horn Strobe Specifications
Architect/Engineer Specifications
General
SpectrAlert Advance outdoor horns, strobes, and horn strobes shall mount to a weatherproof back box. A universal mounting plate shall
be used for mounting ceiling and wall products. The notification appliance circuit wiring shall terminate at the universal mounting plate.
Also, SpectrAlert Advance products, when used with the Sync•Circuit™ Module accessory, shall be powered from a non-coded notification
appliance circuit output and shall operate on a nominal 12 or 24 volts. When used with the Sync•Circuit Module, 12-volt-rated notification
appliance circuit outputs shall operate between 8.5 and 17.5 volts; 24-volt-rated notification appliance circuit outputs shall operate between
16.5 and 33 volts. Outdoor SpectrAlert Advance products shall operate between −40 and 151 degrees Fahrenheit from a regulated DC or full-
wave rectified unfiltered power supply. Strobes and horn strobes shall have field-selectable candela settings including 15, 15/75, 30, 75, 95,
110, 115, 135, 150, 177, and 185.
Strobe
The strobe shall be a System Sensor SpectrAlert Advance Model _______ listed to UL 1638 and shall be approved for fire protective service.
The strobe shall be wired as a primary-signaling notification appliance and comply with the Americans with Disabilities Act requirements for
visible signaling appliances, flashing at 1 Hz over the strobe’s entire operating voltage range. The strobe light shall consist of a xenon flash
tube and associated lens/reflector system. The strobe must be installed with its weatherproof back box in order to remain outdoor approved
per UL. The strobe shall be suitable for use in wet environments.
Horn Strobe Combination
The horn strobe shall be a System Sensor SpectrAlert Advance Model _______ listed to UL 1638 and UL 464 and shall be approved for
fire protective service. The horn strobe shall be wired as a primary-signaling notification appliance and comply with the Americans with
Disabilities Act requirements for visible signaling appliances, flashing at 1 Hz over the strobe’s entire operating voltage range. The strobe light
shall consist of a xenon flash tube and associated lens/reflector system. The horn shall have three audibility options and an option to switch
between a temporal three pattern and a non-temporal (continuous) pattern. These options shall be set by a multiple position switch. On four-
wire products, the strobe shall be powered independently of the sounder. The horn strobe on a 2-wire model shall work on a non-coded power
supply. The horn on 4-wire horn strobe models shall operate on a coded or non-coded power supply. The horn strobe must be installed with
its weatherproof back box in order to remain outdoor listed per UL. The horn strobe shall be suitable for use in wet environments.
Physical/Electrical Specifications
Operating Temperature
–40°F to 151°F (–40°C to 66°C)
Strobe Flash Rate
1 flash per second
Nominal Voltage
Regulated 12 DC/FWR or regulated 24 DC/FWR1
Operating Voltage Range2
8 to 17.5 V (12 V nominal) or 16 to 33 V (24 V nominal)
Operating Voltage Range with MDL3 Sync Module
8.5 to 17.5V (12 V nominal) or 16.5 to 33V (24 V nominal)
Input Terminal Wire Gauge
12 to 18 AWG
Ceiling-Mount Dimensions (including lens)
6.8˝ diameter × 2.5˝ high (173 mm diameter × 64 mm high)
Strobe / Horn Strobe Dimensions
5.6˝ L × 4.7˝ W × 1.3˝ D (142 mm L × 119 mm W × 33 mm D)
Strobe / Horn Strobe Dimensions with Back Box
5.6˝ L × 4.7˝ W × 1.3˝ D (142 mm L × 119 mm W × 33 mm D)
Ceiling-Mount Weatherproof Back Box Dimensions
7.1˝ diameter × 2.0˝ high (180 mm diameter × 51 mm high)
Notes:
1. Full Wave Rectified (FWR) voltage is a non-regulated, time-varying power source that is used on some power supply and panel outputs.
2. Products will operate at 12 V nominal only for 15 and 15/75 cd.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com