Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC2WHK Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # PC2WHK
Description  Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PC2WHK Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  PC2WHK Datasheet HTML 1Page - Systemsensor advanced ideas. PC2WHK Datasheet HTML 2Page - Systemsensor advanced ideas. PC2WHK Datasheet HTML 3Page - Systemsensor advanced ideas. PC2WHK Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Agency Listings
Features
• Weatherproof NEMA 4X, IP56 rated
• Listed to UL 1638 (strobe) and UL 464 (horn)
• Compatible with System Sensor synchronization protocol and
legacy SpectrAlert products
• Field-selectable candela settings: 15, 15/75, 30, 75, 95, 110, 115,
135, 150, 177, and 185
• Automatic selection of 12- or 24-volt operation at 15 and
15/75 candela
• Rotary switch for horn tone and three volume selections
• Horn rated at 88+ dBA at 16 volts
• Rated from –40°F to 151°F
• Universal mounting plate with an onboard shorting spring that
tests wiring continuity before devices are installed
• Plug-in design with minimal intrusion into the back box
• Tamper-resistant construction
• Listed for ceiling or wall mounting
SpectrAlert Advance offers the broadest line of outdoor horns,
strobes, and horn strobes in the industry. With white or red plastic
housings, wall or ceiling mounting options, and plain or FIRE-printed
devices, SpectrAlert Advance can meet virtually any application
requirement, including indoor, outdoor, wet, and dry applications in
temperatures from −40°F to 151°F.
Like the entire SpectrAlert Advance line, outdoor strobes and horn
strobes for ceiling applications include a variety of features that
increase application flexibility and simplify installation. First, field-
selectable settings, including candela, automatic selection of 12- or
24-volt operation, horn tones, and three volume options enable
installers to easily adapt devices to meet requirements.
Next, SpectrAlert Advance devices use a universal mounting plate
for both wall and ceiling applications. This mounting plate includes
an onboard shorting spring that ensures wiring continuity before
devices are installed, so installers can verify proper wiring without
mounting the devices and exposing them to potential construction
damage. Once the plates are mounted, all SpectrAlert Advance
devices utilize a plug-in design with a single captured screw to
speed installation and virtually eliminate costly ground faults.
Outdoor devices ship with weatherproof plastic back boxes (metal
back boxes are available separately) that accommodate in-and-
out wiring for daisy chaining devices. Plastic back boxes feature
removable side flanges and improved resistance to saltwater
corrosion. Plastic and metal weatherproof back boxes come with
¾-inch top and bottom conduit entries and ¾-inch knock-outs at the
back. Three screw-in NPT plugs with O-ring gaskets for a watertight
seal is included with each back box.
Outdoor Selectable-
Output Strobes and
Horn Strobes for
Ceiling Applications
SpectrAlert® Advance outdoor audible visible products
are rich with features that cut installation times and
maximize profits.
MEA452-05-E
3023572
7300-1653:187 (outdoor strobes)
7125-1653:188 (horn strobes,
chime strobes)
7135-1653:189 (horns, chimes)
S4011 (chimes, horn strobes, horns)
S3593 (outdoor and alert strobes)


Similar Part No. - PC2WHK

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
PC2 DIT-PC2 Datasheet
1Mb / 2P
EMI/EMC FILTER
logo
Amphenol Corporation
PC2-030P-701 AMPHENOL-PC2-030P-701 Datasheet
5Mb / 44P
Amphenol Low Mating Force Rectangular Connectors
logo
Micron Technology
PC2-3200 MICRON-PC2-3200 Datasheet
355Kb / 17P
DDR2 SDRAM SODIMM
PC2-3200 MICRON-PC2-3200 Datasheet
368Kb / 19P
DDR2 SDRAM UDIMM
logo
Infineon Technologies A...
PC2-3200R-333-11 INFINEON-PC2-3200R-333-11 Datasheet
631Kb / 33P
DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
More results

Similar Description - PC2WHK

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
S2475RLP SYSTEMSENSOR-S2475RLP Datasheet
126Kb / 2P
SpectrAlert??Colored Lens Strobes and Horn/Strobes
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
Selectable Output Strobe and Horn Strobes
P12015K SYSTEMSENSOR-P12015K Datasheet
118Kb / 2P
Outdoor Horn/Strobes
SP2R1224MCK SYSTEMSENSOR-SP2R1224MCK Datasheet
286Kb / 2P
Selectable Output Outdoor Wall Speaker/Strobes
CHR SYSTEMSENSOR-CHR Datasheet
411Kb / 4P
Selectable Output Chimes and Chime/Strobes
SPWK SYSTEMSENSOR-SPWK Datasheet
2Mb / 4P
Outdoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
P1215 SYSTEMSENSOR-P1215 Datasheet
113Kb / 4P
Wall-Mount Horns, Strobes, and Horn/Strobes
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
Strobes and Horn Strobes
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
SELECTABLE OUTPUT STROBES AND HORNS
SC2415 GAMEWELL-FCI-SC2415 Datasheet
536Kb / 4P
SC Strobes and PC Horn/Strobes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com