Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFD50EXP Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # WFD50EXP
Description  Explosion Proof Waterflow Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

WFD50EXP Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  WFD50EXP Datasheet HTML 1Page - Systemsensor advanced ideas. WFD50EXP Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825OhioAvenue•St.Charles,IL60174
Phone:800-SENSOR2•Fax:630-377-6495
©2009 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-1030-006•2/09•#1925
Ordering Information
Model Number
Pipe Size
Hole Size
Weight
WFD20EXP
2˝
1¼˝
10.6 lbs.
WFD25EXP
2½˝
1¼˝
10.7 lbs.
WFD30-2EXP
3˝
2˝
10.9 lbs.
WFD35EXP
3½˝
1¼˝
11.2 lbs.
WFD40EXP
4˝
2˝
11.5 lbs.
WFD50EXP
5˝
2˝
12.1 lbs.
WFD60EXP
6˝
2˝
12.5 lbs.
WFD80EXP
8˝
2˝
13.5 lbs.
Accessories
A3008-0
Replacement retard mechanism for all sizes 2˝–8˝
A77-01-02
Replacement terminal block
WFDRK
Replacement hardware kit (contains tamper screws, wrench and conduit plug)
WFDEXP Series Specifications
Architectural/Engineering Specifications
Vane-type,explosion-proofwaterflowdetectorsshallbeinstalledonsystempipingonthedrawingand/orasspecifiedherein.Detectorsshallbemounted
in hazardous locations classified as: Class I, Div. 1 and 2, Groups B, C, D; or Class II, Div. 1 and 2, Groups E, F, G; or Class III, Div. 1 and 2. Detectors shall mount on
any clear pipe span of the appropriate nominal size, either a vertical upflow or horizontal run, at least 6˝ from any fittings which may change water direction,
flow rate, or pipe diameter or no closer than 24˝ from a valve or drain. Detectors shall have a sensitivity in the range of 4 to 10 gallons per minute and a static
pressure rating of 450 psi for 2˝–8˝ pipes. The detector shall respond to waterflow in the specified direction after a preset time delay that is field adjustable.
The delay mechanism shall be a sealed mechanical pneumatic unit with visual indication of actuation. The actuation mechanism shall include a polyethylene
vane inserted through a hole in the pipe and connected by a mechanical linkage to the delay mechanism. Outputs shall consist of dual SPDT switches (Form C
contacts). Two conduit entrances (one of which is a knockout type) for standard fittings of commonly used electrical conduit shall be provided on the detectors.
A grounding provision is provided. Enclosures shall be NEMA 4 listed by Underwriters Laboratories Inc. All detectors shall be listed by Underwriters Laboratories
Inc. for indoor or outdoor use.
Physical/Operating Specifications
Hazardous Locations Classifications
Class I, Div 1 and 2, Groups B, C, D
Class II, Div 1 and 2, Groups E, F, G
Class III, Div 1 and 2
Static Pressure Rating
450 psi (max.)
Triggered Threshold Bandwidth (Flow Rate)
4 to 10 GPM
Maximum Surge
18 Feet Per Second (FPS)
Contact Ratings
Two sets of SPDT (Form C)
10.0A@125/250VAC
2.5 A @ 24 VDC
Compatible Pipe
Steel water pipe, schedule 10 through 40
Conduit Entrances
Two openings for ½˝ conduit
Operating Temperature Range
32°F to 120°F (0°C to 49°C)
Enclosure Rating
NEMA4–suitableforindoor/outdooruse
Service Use
Automatic Sprinkler: NFPA-13
National Fire Alarm Code: NFPA-72
Overall Dimensions
6˝H × 9˝L × 6.5˝W
Weight
(see Ordering Information)
Warranty
3 years
U.S. Patent Numbers
5,213,205



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com